Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LDC1000-Q1 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LDC1000-Q1
Descripción Electrónicos  LDC1000-Q1 Inductance to Digital Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LDC1000-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LDC1000-Q1_15 Datasheet HTML 1Page - Texas Instruments LDC1000-Q1_15 Datasheet HTML 2Page - Texas Instruments LDC1000-Q1_15 Datasheet HTML 3Page - Texas Instruments LDC1000-Q1_15 Datasheet HTML 4Page - Texas Instruments LDC1000-Q1_15 Datasheet HTML 5Page - Texas Instruments LDC1000-Q1_15 Datasheet HTML 6Page - Texas Instruments LDC1000-Q1_15 Datasheet HTML 7Page - Texas Instruments LDC1000-Q1_15 Datasheet HTML 8Page - Texas Instruments LDC1000-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LDC1000-Q1
SLOS886B – SEPTEMBER 2014 – REVISED OCTOBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Analog supply voltage
VDD – GND
5.5
V
IO supply voltage
VIO – GND
5.5
V
Voltage
On any pin
–0.3
VDD + 0.3
V
On any digital pin
–0.3
VIO + 0.3
V
Input Current
INA and INB
8
mA
Junction Temperature, TJ
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per AEC Q100-002(1)
–2000
2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per AEC Q100-011, all pins
–1000
1000
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Analog supply voltage (VDD – GND)
4.75
5.25
V
VIO
IO supply voltage (VIO – GND)
1.8
5.25
V
VDD – VIO
≥0
V
Operating temperature (see the Mechanical,
Grade 0 (temperature range E)
–40
150
TA
Packaging, and Orderable Information section for
°C
Grade 1 (temperature range Q)
–40
125
package options)
6.4 Thermal Information
PW
THERMAL METRIC(1)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
106.3
RθJC(top)
Junction-to-case (top) thermal resistance
40.8
RθJB
Junction-to-board thermal resistance
51.3
°C/W
ψJT
Junction-to-top characterization parameter
3.6
ψJB
Junction-to-board characterization parameter
50.8
RθJC(bot)
Junction-to-case (bottom) thermal resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LDC1000-Q1


Número de pieza similar - LDC1000-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LDC1000-Q1 TI1-LDC1000-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
More results

Descripción similar - LDC1000-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LDC1000 TI-LDC1000 Datasheet
1Mb / 23P
[Old version datasheet]   LDC1000 Inductance to Digital Converter
LDC1001-Q1 TI1-LDC1001-Q1 Datasheet
807Kb / 36P
[Old version datasheet]   LDC1001-Q1 Inductance to Digital Converter
LDC1000 TI1-LDC1000_16 Datasheet
3Mb / 36P
[Old version datasheet]   Inductance-to-Digital Converter
LDC1000-Q1 TI1-LDC1000-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
LDC1001 TI1-LDC1001 Datasheet
3Mb / 36P
[Old version datasheet]   LDC1001 Inductance-to-Digital Converter
LDC3114-Q1 TI-LDC3114-Q1_V01 Datasheet
2Mb / 63P
[Old version datasheet]   LDC3114-Q1 4-Channel Hybrid Inductive Touch and Inductance to Digital Converter
DECEMBER 2021
LDC3114-Q1 TI-LDC3114-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   LDC3114-Q1 4-Channel Hybrid Inductive Touch and Inductance to Digital Converter
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1051 TI1-LDC1051 Datasheet
2Mb / 31P
[Old version datasheet]   8-bit Rp only Inductance-to-Digital Converter with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com