Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LS28 Datasheet(PDF) 11 Page - International Rectifier

No. de pieza LS28
Descripción Electrónicos  28V Input, Single/Dual Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

LS28 Datasheet(HTML) 11 Page - International Rectifier

Back Button LS28 Datasheet HTML 7Page - International Rectifier LS28 Datasheet HTML 8Page - International Rectifier LS28 Datasheet HTML 9Page - International Rectifier LS28 Datasheet HTML 10Page - International Rectifier LS28 Datasheet HTML 11Page - International Rectifier LS28 Datasheet HTML 12Page - International Rectifier LS28 Datasheet HTML 13Page - International Rectifier LS28 Datasheet HTML 14Page - International Rectifier LS28 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.irf.com
11
LS-SERIES
(28V Input, Single/Dual Output)
LS2801R5S Typical Efficiency at 25°C
0
10
20
30
40
50
60
70
0
10
2030
4050
6070
80
90
100
% of Rated Load
18V
28V
40V
LS2802R5S Typical Efficiency at 25°C
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
70
80
90 100
%of Rated Load
18V
28V
40V


Número de pieza similar - LS28

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SAMYANG ELECTRONICS CO....
LS28 SAMYANG-LS28 Datasheet
931Kb / 2P
   SCHOTTKY BARRIE R RECTIFIER
logo
International Rectifier
LS2801R5D IRF-LS2801R5D Datasheet
168Kb / 16P
   HIGH RELIABILITY DC/DC CONVERTER
LS2801R5D IRF-LS2801R5D Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5D/CK IRF-LS2801R5D/CK Datasheet
168Kb / 16P
   HIGH RELIABILITY DC/DC CONVERTER
LS2801R5D/EM IRF-LS2801R5D/EM Datasheet
168Kb / 16P
   HIGH RELIABILITY DC/DC CONVERTER
More results

Descripción similar - LS28

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
M3H IRF-M3H_15 Datasheet
157Kb / 11P
   28V Input, Single/Dual Output
AHF28XX IRF-AHF28XX Datasheet
148Kb / 17P
   28V Input, Single and Dual Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
   28V Input, Triple Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com