Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML1000605D Datasheet(PDF) 5 Page - International Rectifier

No. de pieza ML1000605D
Descripción Electrónicos  100V Input, Dual Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

ML1000605D Datasheet(HTML) 5 Page - International Rectifier

  ML1000605D_15 Datasheet HTML 1Page - International Rectifier ML1000605D_15 Datasheet HTML 2Page - International Rectifier ML1000605D_15 Datasheet HTML 3Page - International Rectifier ML1000605D_15 Datasheet HTML 4Page - International Rectifier ML1000605D_15 Datasheet HTML 5Page - International Rectifier ML1000605D_15 Datasheet HTML 6Page - International Rectifier ML1000605D_15 Datasheet HTML 7Page - International Rectifier ML1000605D_15 Datasheet HTML 8Page - International Rectifier ML1000605D_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.irf.com
5
ML1000605D
(100V Input, Dual Output)
Electrical Performance Characteristics (continued)
Notes: Specification and Electrical Performance Characteristics Tables
1.
Parameter is tested as part of design characterization or after design changes. Thereafter, parameter shall
be guaranteed to the limits specified.
2.
Guaranteed for a D.C. to 50MHz bandwidth. Tested using a 10.7MHz bandwidth.
3.
Load current step transition time
≥ 10 µs.
4.
Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1% of
its steady state value.
5.
Turn-on delay time from application of telecommand pulse to the point where Output 2 = 98% of nominal
output voltage.
6.
Capacitive load may be any value from 0 to the maximum limit without compromising the output sequencing
performance. A capacitive load in excess of the maximum limit may influence the output sequencing
performance and start-up time, converter operation and dc performance will remain intact.
7.
The switching frequency and 1st and 2nd harmonic of the input ripple is tested on every unit.
8.
MIL-HDBK-217F2 stress-dependent method is used with 2 exceptions: For soldering a fixed failure rate at
0.035FIT is used and for power MOSFETs the dissipated power (instead of rated power) is used for the Pr
parameter. 1 FIT is 1 failure in 109 hours.
9.
The converter meets full derating per EEE-INST-002 and ECSS-Q-30-11A with the following exception: For
Schottky diode JANS1N5819 a maximum derated junction temperature of +110°C. For EEE-INST-002 it is
required that ceramic capacitors with a voltage stress below 10V shall be rated for minimum 100V - in the
product such capacitors is rated for 50V minimum.
10. Although operation temperatures between -55°C to +100°C and -40°C to+75°C is guaranteed, no
parameter limits are specified.
Electrical Performance Characteristics - Definition of Conditions
Condition Definition
Comment
1
BOL @ +25°C interface temperature
Initial setting
2
BOL @ -40°C to +75°C interface temperature Initial setting and worst case temperature variation
3
EOL @ -40°C to +75°C interface temperature Worst case performance including initial setting,
temperature variation, aging and radiation degradation
Limits
Parameter
Condition
Conditions
-40
°C ≤ Tc ≤ +75°C
VIN = 100V DC ± 0.5%, CL = 0µF
unless otherwise specified
Min
Nom
Max
Unit
EMC conducted
susceptibility
(Line rejection)
1
IOUT = 100% rated load
Primary power sine wave injection of
2Vp-p, 100Hz to 1MHz, Note 1
96
110
dB
Electromagnetic Interference
(EMI), conducted emission
(CE)
1
IOUT = 100% rated load, Notes 1, 7
Limits per Figures 4 and 5
Isolation
1
Input to Output, any potential to
telecommand input and any potential to
telemetry output, test @ 100VDC
10
M
Device Weight
50
g
Failure Rate
MIL-HDBK-217F2, SF, 35
°C, Note 8
60
FITs


Número de pieza similar - ML1000605D_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
ML1000605DEBB IRF-ML1000605DEBB Datasheet
875Kb / 17P
   HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
ML1000605DEQM IRF-ML1000605DEQM Datasheet
875Kb / 17P
   HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
More results

Descripción similar - ML1000605D_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
MAH1000503R30812Q IRF-MAH1000503R30812Q_15 Datasheet
1Mb / 20P
   100V Input, Quad Output
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670 Datasheet
239Kb / 12P
   Dual-Input, Dual-Output Load Switches
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Shenzhen Huazhimei Semi...
HM3125 HMSEMI-HM3125 Datasheet
1Mb / 6P
   Input 20-100V output 2A asynchronous step-down controller
logo
Linear Technology
LT1804 LINER-LT1804_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1805 LINER-LT1805_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1803 LINER-LT1803 Datasheet
401Kb / 20P
   Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1803 LINER-LT1803_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
logo
International Rectifier
HTA20 IRF-HTA20_15 Datasheet
186Kb / 14P
   200V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com