Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5XRGB-F2-F Datasheet(PDF) 2 Page - HB Electronic Components

No. de pieza 5XRGB-F2-F
Descripción Electrónicos  CMOS Technology
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HB [HB Electronic Components]
Página de inicio  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

5XRGB-F2-F Datasheet(HTML) 2 Page - HB Electronic Components

  5XRGB-F2-F Datasheet HTML 1Page - HB Electronic Components 5XRGB-F2-F Datasheet HTML 2Page - HB Electronic Components 5XRGB-F2-F Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Absolute Maximum Ratings at Ta=25℃
Light color:Red、Green、 Blue
Color
Reverse current:100
μA
Peak current(duty=0.1,1KHz):100 mA
Operating/Storage temperature range:-30℃~ +85℃
Derating linear from 25℃:0.4 mA/℃
Lead soldering temperature range:260℃ for 5 second
Electrical Optical Characteristics at Ta=25℃
RED COLOR:
Parameter
Symbol
Min
Typ.
Max Unit
Test
Condition
Forward voltage
VF
2.00
2.25
V
IF=20 mA
Luminous intensity
IV
800
1500 mcd
IF=20 mA
Peak emission wavelength
λ
p
620
630
640
nm
Half intensity angle
△Θ
40
deg
GREEN COLOR:
Parameter
Symbol
Min
Typ.
Max Unit
Test
Condition
Forward voltage
VF
3.3
4
V
IF=20 mA
Luminous intensity
IV
2000
4000 mcd
IF=20 mA
Peak emission wavelength
λ
p
515
520
530
nm
Half intensity angle
△Θ
30
deg
BLUE COLOR:
Parameter
Symbol Min
Typ.
Max Unit
Test
Condition
Forward voltage
VF
3.3
4
V
IF=20 mA
Luminous intensity
IV
1000
2000 mcd
IF=20 mA
Peak emission wavelength
λ
p
460
475
nm
Half intensity angle
△Θ
30
deg
Direct Current Characteristics
Parameter
Symbol
Min
Typ.
Max Unit
Remarks
Operating voltage
VDD
3.3
3.5
4.0
V
Driver Current
Iol
50
mA
@VDS=1.2V
Power Consumption
Po
225
mW
VDD=3.5V
Flash Frequency
Ftet
1.5
Hz
External±30%
*All specs and applications shown above subject to change without prior notice.
(以上电路及规格仅供参考,本公司可进行修正)
5XRGB-F2-F
Part No.
5XRGB-F2-F
Spec No.
S/N-050909125
Page
2 of 3
Version: 1.0


Número de pieza similar - 5XRGB-F2-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HB Electronic Component...
5XRGB-F2-S HB-5XRGB-F2-S Datasheet
160Kb / 3P
   CMOS Technology
More results

Descripción similar - 5XRGB-F2-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
   CMOS Technology
logo
HB Electronic Component...
5XRGB-F2-S HB-5XRGB-F2-S Datasheet
160Kb / 3P
   CMOS Technology
logo
Fujitsu Component Limit...
CE71 FUJITSU-CE71 Datasheet
56Kb / 4P
   0.25um CMOS Technology
CE66 FUJITSU-CE66 Datasheet
29Kb / 2P
   0.35um CMOS Technology
CS200 FUJITSU-CS200 Datasheet
603Kb / 2P
   65nm CMOS Technology
logo
M/A-COM Technology Solu...
MADR-009190 MA-COM-MADR-009190 Datasheet
772Kb / 10P
   High Voltage CMOS Technology
logo
Micon Design Technology...
MDT75C272 MDTIC-MDT75C272 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C273 MDTIC-MDT75C273 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
logo
Texas Instruments
TMS320C242 TI1-TMS320C242_09 Datasheet
902Kb / 74P
[Old version datasheet]   High-Performance Static CMOS Technology
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com