Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAP50-02 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de pieza BAP50-02
Descripción Electrónicos  General purpose PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP50-02 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP50-02_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-02_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-02_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-02_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-02_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-02_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-02_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-02_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Apr 17
3
Philips Semiconductors
Product specification
General purpose PIN diode
BAP50-02
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1. Guaranteed on AQL basis: inspection level S4, AQL 1.0.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF =50mA
0.95
1.1
V
VR
reverse voltage
IR =10 µA50
−−
V
IR
reverse current
VR =50V
−−
100
nA
Cd
diode capacitance
VR = 0; f = 1 MHz
0.4
pF
VR = 1 V; f = 1 MHz
0.3
0.55
pF
VR = 5 V; f = 1 MHz
0.22
0.35
pF
rD
diode forward resistance
IF = 0.5 mA; f = 100 MHz; note 1
25
40
IF = 1 mA; f = 100 MHz; note 1
14
25
IF = 10 mA; f = 100 MHz; note 1
35
|s
21|
2
isolation
VR = 0; f = 900 MHz
20.4
dB
VR = 0; f = 1800 MHz
17.3
dB
VR = 0; f = 2450 MHz
15.5
dB
|s
21|
2
insertion loss
IF = 0.5 mA; f = 900 MHz
1.74
dB
IF = 0.5 mA; f = 1800 MHz
1.79
dB
IF = 0.5 mA; f = 2450 MHz
1.88
dB
|s
21|
2
insertion loss
IF = 1 mA; f = 900 MHz
1.03
dB
IF = 1 mA; f = 1800 MHz
1.09
dB
IF = 1 mA; f = 2450 MHz
1.15
dB
|s
21|
2
insertion loss
IF = 10 mA; f = 900 MHz
0.26
dB
IF = 10 mA; f = 1800 MHz
0.32
dB
IF = 10 mA; f = 2450 MHz
0.34
dB
τ
L
charge carrier life time
when switched from IF =10mA to
IR = 6 mA; RL = 100 Ω;
measured at IR =3mA
1.05
−µs
LS
series inductance
IF = 100 mA; f = 100 MHz
0.6
nH
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
85
K/W


Número de pieza similar - BAP50-02_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
BAP50-02_2015 JMNIC-BAP50-02_2015 Datasheet
67Kb / 8P
   General purpose PIN diode
logo
NXP Semiconductors
BAP50-02 NXP-BAP50-02_V01 Datasheet
168Kb / 9P
   Silicon PIN diode
Rev. 3.1 - 8 February 2019
More results

Descripción similar - BAP50-02_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
   GENERAL PURPOSE PIN DIODE
2002 Feb 19
logo
E-Tech Electronics LTD
BAP51-02 ETL-BAP51-02 Datasheet
165Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP51-03 PHILIPS-BAP51-03 Datasheet
57Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP51-05W PHILIPS-BAP51-05W Datasheet
58Kb / 8P
   General purpose PIN diode
2001 Jan 23
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
   General purpose PIN diode
2000 Jul 06
logo
Guangdong Kexin Industr...
KAP50-03 KEXIN-KAP50-03 Datasheet
57Kb / 2P
   General Purpose PIN Diode
logo
NXP Semiconductors
BAP51-06W NXP-BAP51-06W Datasheet
57Kb / 8P
   General purpose PIN diode
Rev. 01-26 May 2008
BAP51-02 PHILIPS-BAP51-02_99 Datasheet
83Kb / 6P
   General purpose PIN diode
1999 Jun 28
logo
Jiangsu Changjiang Elec...
BAP50-03 JIANGSU-BAP50-03 Datasheet
599Kb / 4P
   GENERAL PURPOSE PIN DIODE
logo
Quanzhou Jinmei Electro...
BAP51-04W_N_2015 JMNIC-BAP51-04W_N_2015 Datasheet
89Kb / 7P
   General purpose PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com