Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAP55L Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de pieza BAP55L
Descripción Electrónicos  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP55L Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP55L_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP55L_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP55L_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP55L_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP55L_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP55L_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP55L_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP55L_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
9397 750 14811
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 5 April 2005
3 of 8
Philips Semiconductors
BAP55L
Silicon PIN diode
|s
12|
2
isolation
VR =0V; Figure 4
f = 900 MHz
-
17.6
-
dB
f = 1800 MHz
-
13
-
dB
f = 2450 MHz
-
11.1
-
dB
|s21|2
insertion loss
IF = 0.5 mA; Figure 3
f = 900 MHz
-
0.25
-
dB
f = 1800 MHz
-
0.27
-
dB
f = 2450 MHz
-
0.29
-
dB
IF = 1 mA; Figure 3
f = 900 MHz
-
0.17
-
dB
f = 1800 MHz
-
0.19
-
dB
f = 2450 MHz
-
0.21
-
dB
IF =10mA; Figure 3
f = 900 MHz
-
0.07
-
dB
f = 1800 MHz
-
0.09
-
dB
f = 2450 MHz
-
0.12
-
dB
IF = 100 mA; Figure 3
f = 900 MHz
-
0.05
-
dB
f = 1800 MHz
-
0.07
-
dB
f = 2450 MHz
-
0.09
-
dB
τL
charge carrier life
time
when switched from
IF = 10 mA to IR = 6 mA;
RL = 100 Ω; measured at
IR =3mA
-
0.28
-
µs
LS
series inductance
-
0.6
-
nH
Table 6:
Characteristics …continued
Tj = 25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Número de pieza similar - BAP55L_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAP55LX NXP-BAP55LX Datasheet
67Kb / 8P
   Silicon PIN diode
Rev. 01-30 July 2007
BAP55LX NXP-BAP55LX Datasheet
244Kb / 9P
   Silicon PIN diode High speed switching for RF signals
Rev. 2-16 December 2010
BAP55LX NXP-BAP55LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP55LX NXP-BAP55LX_10 Datasheet
244Kb / 9P
   Silicon PIN diode High speed switching for RF signals
Rev. 2-16 December 2010
BAP55LX PHILIPS-BAP55LX_15 Datasheet
296Kb / 16P
   Silicon PIN diode
Rev. 4-6 August 2013
More results

Descripción similar - BAP55L_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com