Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS12N7W6C Datasheet(PDF) 3 Page - HB Electronic Components

No. de pieza SS12N7W6C
Descripción Electrónicos  High radiometric power per LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HB [HB Electronic Components]
Página de inicio  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

SS12N7W6C Datasheet(HTML) 3 Page - HB Electronic Components

  SS12N7W6C Datasheet HTML 1Page - HB Electronic Components SS12N7W6C Datasheet HTML 2Page - HB Electronic Components SS12N7W6C Datasheet HTML 3Page - HB Electronic Components SS12N7W6C Datasheet HTML 4Page - HB Electronic Components SS12N7W6C Datasheet HTML 5Page - HB Electronic Components SS12N7W6C Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Part No.:
Electrical and optical characteristics (Ta = 25℃)
Value
Parameter
Symbol
Test
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
19.2
V
Luminous Flux
Φv
700
----
lm
Viewing Angle
2θ1/2
----
120
----
Deg.
Color Temperature
CCT
IF = 350mA
5000
-----
6500
K
Thermal Resistance
Rj
-----
3
℃/W
Luminous Flux Bins(Ta = 25℃)
Unit: lm
Bin
B2
C2
D2
Min
600
700
800
Max
700
800
900
Chromaticity Coordinates Ranks(IF=350mA
Ta=25℃)
Bin
x1
y1
x2
y2
x3
y3
x4
y4
PT1
0.3384
0.3650
0.3381
0.3550
0.3461
0.3617
0.3469
0.3717
PT2
0.3381
0.3550
0.3378
0.3451
0.3453
0.3518
0.3461
0.3617
PT3
0.3378
0.3451
0.3374
0.3352
0.3444
0.3418
0.3453
0.3518
PT4
0.3374
0.3352
0.3371
0.3252
0.3436
0.3318
0.3444
0.3418
PV1
0.3300
0.3584
0.3302
0.3484
0.3381
0.3550
0.3384
0.3650
PV2
0.3302
0.3484
0.3303
0.3384
0.3378
0.3451
0.3381
0.3550
PV3
0.3303
0.3384
0.3304
0.3285
0.3374
0.3352
0.3378
0.3451
PV4
0.3304
0.3285
0.3306
0.3185
0.3371
0.3252
0.3374
0.3352
PW1
0.3236
0.3534
0.3242
0.3434
0.3302
0.3484
0.3300
0.3584
PW2
0.3242
0.3434
0.3247
0.3335
0.3303
0.3384
0.3302
0.3484
PW3
0.3247
0.3335
0.3253
0.3235
0.3304
0.3285
0.3303
0.3384
PW4
0.3253
0.3235
0.3258
0.3136
0.3306
0.3185
0.3304
0.3285
PX1
0.3173
0.3484
0.3182
0.3385
0.3242
0.3434
0.3236
0.3534
PX2
0.3182
0.3385
0.3191
0.3286
0.3247
0.3335
0.3242
0.3434
PX3
0.3191
0.3286
0.3201
0.3186
0.3253
0.3235
0.3247
0.3335
PX4
0.3201
0.3186
0.3210
0.3086
0.3258
0.3136
0.3253
0.3235
PY1
0.3109
0.3434
0.3122
0.3335
0.3182
0.3385
0.3173
0.3484
PY2
0.3122
0.3335
0.3135
0.3236
0.3191
0.3286
0.3182
0.3385
PY3
0.3135
0.3236
0.3149
0.3136
0.3201
0.3186
0.3191
0.3286
PY4
0.3149
0.3136
0.3162
0.3037
0.3210
0.3086
0.3201
0.3186
SPECIFICATION
Hebei I.T. (Shanghai) Co., Lt d.
Page 3 of 6
Rev:B/3
www.ledz.com
SS1 2N7W6 C


Número de pieza similar - SS12N7W6C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HB Electronic Component...
SS12N7W3C HB-SS12N7W3C Datasheet
867Kb / 7P
   High radiometric power per LED
More results

Descripción similar - SS12N7W6C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HB Electronic Component...
3VAC9CW6 HB-3VAC9CW6 Datasheet
109Kb / 3P
   High radiometric power per LED
4VAC13CW3 HB-4VAC13CW3 Datasheet
902Kb / 7P
   High radiometric power per LED
SR12N3W3C HB-SR12N3W3C Datasheet
636Kb / 7P
   High radiometric power per LED
3VAC9CW3 HB-3VAC9CW3 Datasheet
105Kb / 3P
   High radiometric power per LED
SG7N50W6-1500MA HB-SG7N50W6-1500MA Datasheet
200Kb / 6P
   High radiometric power per LED
RG3N7W6-750MA HB-RG3N7W6-750MA Datasheet
383Kb / 6P
   High radiometric power per LED
SS12N8W6C HB-SS12N8W6C Datasheet
792Kb / 6P
   High radiometric power per LED
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
SS12N8W3C HB-SS12N8W3C Datasheet
898Kb / 7P
   High radiometric power per LED
SG7N40W6-1400MA HB-SG7N40W6-1400MA Datasheet
322Kb / 6P
   High radiometric power per LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com