Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3100D2-Q1 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPA3100D2-Q1
Descripción Electrónicos  20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA3100D2-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPA3100D2-Q1_15 Datasheet HTML 1Page - Texas Instruments TPA3100D2-Q1_15 Datasheet HTML 2Page - Texas Instruments TPA3100D2-Q1_15 Datasheet HTML 3Page - Texas Instruments TPA3100D2-Q1_15 Datasheet HTML 4Page - Texas Instruments TPA3100D2-Q1_15 Datasheet HTML 5Page - Texas Instruments TPA3100D2-Q1_15 Datasheet HTML 6Page - Texas Instruments TPA3100D2-Q1_15 Datasheet HTML 7Page - Texas Instruments TPA3100D2-Q1_15 Datasheet HTML 8Page - Texas Instruments TPA3100D2-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
QFN
1
FEATURES
APPLICATIONS
DESCRIPTION
Simplified ApplicationCircuit
TV Audio
Processor
RINP
BSRN
BSRP
VCLAMPR
VCLAMPL
PGNDR
PGNDL
VREG
VBYP
ROSC
BSLN
ROUTN
LOUTN
LOUTP
BSLP
ROUTP
TPA3100D2
LINN
RINN
LINP
MUTE
GAIN0
GAIN1
SYNC
FAULT
PVCCR
PVCCL
AVCC
AGND
MSTR/SLV
SHUTDOWN
Shutdown
Control
MuteControl
SyncControl
FaultFlag
10Vto26V
GainSelect
1 F
m
1 F
m
1 F
m
1 F
m
10nF
100kW
0.22 F
m
0.22 F
m
0.22 F
m
0.22 F
m
1 F
m
1 F
m
1 F
m
TPA3100D2-Q1
www.ti.com ......................................................................................................................................................................................... SLOS557 – SEPTEMBER 2008
20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
• Televisions
• Qualified for Automotive Applications
• 20 W/Channel Into an 8-Ω Load From
an 18-V Supply
The TPA3100D2 is a 20-W per channel, efficient,
• 10 W/Channel Into an 8-Ω Load From
class-D audio power amplifier for driving bridged-tied
a 12-V Supply
stereo speakers. The TPA3100D2 can drive stereo
• 15 W/Channel Into an 4-Ω Load From
speakers as low as 4
Ω. The high efficiency of the
a 12-V Supply
TPA3100D2,
92%,
eliminates
the
need
for
an
• Operates From 10 V to 26 V
external heat sink when playing music.
• 92% Efficient Class-D Operation Eliminates
The gain of the amplifier is controlled by two gain
Need for Heat Sinks
select pins. The gain selections are 20 dB, 26 dB,
32 dB, or 36 dB.
• Four Selectable Fixed-Gain Settings
• Differential Inputs
The outputs are fully protected against shorts to
GND, VCC, and output-to-output shorts with an
• Thermal and Short-Circuit Protection With
auto-recovery feature and monitor output.
Auto-Recovery Feature
• Clock Output for Synchronization With
<br/>
Multiple Class-D Devices
<br/>
• Surface Mount 7-mm × 7-mm 48-pin QFN
(RGZ) Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPA3100D2-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA3100D2-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI-TPA3100D2_07 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2100 EUTECH-EUA2100 Datasheet
172Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2 TI-TPA3100D2 Datasheet
2Mb / 31P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com