Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3140D2 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPA3140D2
Descripción Electrónicos  TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA3140D2 Datasheet(HTML) 4 Page - Texas Instruments

  TPA3140D2_15 Datasheet HTML 1Page - Texas Instruments TPA3140D2_15 Datasheet HTML 2Page - Texas Instruments TPA3140D2_15 Datasheet HTML 3Page - Texas Instruments TPA3140D2_15 Datasheet HTML 4Page - Texas Instruments TPA3140D2_15 Datasheet HTML 5Page - Texas Instruments TPA3140D2_15 Datasheet HTML 6Page - Texas Instruments TPA3140D2_15 Datasheet HTML 7Page - Texas Instruments TPA3140D2_15 Datasheet HTML 8Page - Texas Instruments TPA3140D2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
TPA3140D2
SLOS882A – JANUARY 2015 – REVISED APRIL 2015
www.ti.com
Pin Functions
PIN
I/O/P(1)
DESCRIPTION
NAME
NUMBER
Shutdown logic input for audio amp (LOW = outputs Hi-Z, HIGH = outputs enabled). TTL logic levels
SD
1
I
with compliance to AVCC.
Open drain output used to display short circuit or dc detect fault status. Voltage compliant to AVCC.
FAULT
2
O
Short circuit faults can be set to auto-recovery by connecting FAULT pin to SD pin. Otherwise, both
short circuit faults and dc detect faults must be reset by cycling PVCC.
LINP
3
I
Positive audio input for left channel. Biased at 3V. Connect to GND for PBTL mode.
LINN
4
I
Negative audio input for left channel. Biased at 3V. Connect to GND for PBTL mode.
Decay speed for clip free power limiter. Connect a resistor divider from GVDD to GND to set decay
LIMRATE
5
I
speed. Connect directly to GND to disconnect limiter.
GAIN
6
I
4-state Amplifier gain select. Connect a resistor divider from GVDD to GND to set closed loop gain.
Spread spectrum control. Connect a resistor divider from GVDD to GND to set mode. Connect to GND
SSCTRL
7
I
for disable spread spectrum.
LIMTHR
Voltage limit level for AGL and power limiter. Connect a resistor divider from GVDD to GND to set limit.
8
I
ES
Connect directly to GVDD to disconnect limiter
High-side FET gate drive supply. Nominal voltage is 7V. Also should be used as supply for LIMTHRES
GVDD
9
O
limit function
GND
10
P
Analog signal ground.
RINN
11
I
Negative audio input for right channel. Biased at 3V.
RINP
12
I
Positive audio input for right channel. Biased at 3V.
1SPW
13
I
Modulation scheme select. Low: BD mode, high: 1SPW mode.
AVCC
14
P
Analog supply
Power supply for right channel H-bridge. Right channel and left channel power supply inputs are
PVCC
15
P
connected internally.
Power supply for right channel H-bridge. Right channel and left channel power supply inputs are
PVCC
16
P
connected internally.
BSPR
17
I
Bootstrap I/O for right channel, positive high-side FET.
OUTPR
18
O
Class-D H-bridge positive output for right channel.
GND
19
P
Power ground for the H-bridges.
OUTNR
20
O
Class-D H-bridge negative output for right channel.
BSNR
21
I
Bootstrap I/O for right channel, negative high-side FET.
BSNL
22
I
Bootstrap I/O for left channel, negative high-side FET.
OUTNL
23
O
Class-D H-bridge negative output for left channel.
GND
24
P
Power ground for the H-bridges.
OUTPL
25
O
Class-D H-bridge positive output for left channel.
BSPL
26
I
Bootstrap I/O for left channel, positive high-side FET.
Power supply for left channel H-bridge. Right channel and left channel power supply inputs are
PVCC
27
P
connected internally.
Power supply for left channel H-bridge. Right channel and left channel power supply inputs are
PVCC
28
P
connected internally.
Thermal Pad
P
Connect to GND for best thermal and electrical performance
(1)
I = Input, O = Output, P = Power
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPA3140D2


Número de pieza similar - TPA3140D2_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3140D2PWP TI1-TPA3140D2PWP Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3140D2PWPR TI1-TPA3140D2PWPR Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
More results

Descripción similar - TPA3140D2_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136D2 TI1-TPA3136D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3137D2 TI1-TPA3137D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3137D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
Eutech Microelectronics...
EUA2380 EUTECH-EUA2380 Datasheet
98Kb / 1P
   10-W Inductor Free Stereo Audio Amplifier with Low EMI
logo
Texas Instruments
TPA3138D2 TI1-TPA3138D2 Datasheet
970Kb / 35P
[Old version datasheet]   10-W, 3.5-V to 14.4-V, Inductor Less, Analog Input, Stereo, Class-D Audio Amplifier with Ultra Low EMI
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com