Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA2030L-TB5-T Datasheet(PDF) 11 Page - Unisonic Technologies

No. de pieza TDA2030L-TB5-T
Descripción Electrónicos  14W HI-FI AUDIO AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2030L-TB5-T Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button TDA2030L-TB5-T Datasheet HTML 5Page - Unisonic Technologies TDA2030L-TB5-T Datasheet HTML 6Page - Unisonic Technologies TDA2030L-TB5-T Datasheet HTML 7Page - Unisonic Technologies TDA2030L-TB5-T Datasheet HTML 8Page - Unisonic Technologies TDA2030L-TB5-T Datasheet HTML 9Page - Unisonic Technologies TDA2030L-TB5-T Datasheet HTML 10Page - Unisonic Technologies TDA2030L-TB5-T Datasheet HTML 11Page - Unisonic Technologies TDA2030L-TB5-T Datasheet HTML 12Page - Unisonic Technologies TDA2030L-TB5-T Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TDA2030
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 13
www.unisonic.com.tw
QW-R107-004,D
The result is an AC signal at the output whole peak-to-peak value is the TIM voltage, which can be measured
easily with an oscilloscope. If the peak-topeak value of the signal and the peak-to-peak of the inverting sawtooth are
measured, the TIM can be found very simply from:
TIM
VOUT
Vsawtooth
* 100
=
In Fig.8 The experimental results are shown for the 30W amplifier using the UTC TDA2030 as a driver and a
low-cost complementary pair. A simple RC filter on the input of the amplifier to limit the maximum signal slope(SS) is
an effective way to reduce TIM.
The Diagram of Fig.9 can be used to find the Slew-Rate(SR) required for a given output power or voltage and a
TIM design target.
For example if an anti-TIM filter with a cutoff at 30kHz is used and the max. peak to peak output voltage is 20V
then, referring to the diagram, a Slew-Rate of 6V/
µs is necessary for 0.1% TIM.
As shown Slew-Rates of above 10V/
µs do not contribute to a further reduction in TIM.
Slew-Rates of 100V/
µs are not only useless but also a disadvantage in hi-fi audio amplifiers because they tend to
turn the amplifier into a radio receiver.


Número de pieza similar - TDA2030L-TB5-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
TDA2030L-TB5-T UTC-TDA2030L-TB5-T Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
TDA2030L-TB5-T UTC-TDA2030L-TB5-T Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030L-TB5-T UTC-TDA2030L-TB5-T Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
More results

Descripción similar - TDA2030L-TB5-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Advanced Monolithic Sys...
AMS2030A AMS-AMS2030A Datasheet
1Mb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com