Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF245A Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de pieza BF245A
Descripción Electrónicos  N-channel silicon field-effect transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF245A Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF245A_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF245A_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF245A_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF245A_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF245A_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF245A_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF245A_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF245A_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF245A_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1996 Jul 30
6
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
BF245A; BF245B; BF245C
handbook, halfpage
VDS (V)
ID
(mA)
30
0
020
10
MBH554
20
10
VGS = 0 V
−1 V
−2 V
−3 V
−4 V
Fig.8
Output characteristics for BF245C;
typical values.
VDS = 15 V; Tj =25 °C.
Fig.9
Drain current as a function of junction
temperature; typical values for BF245A.
VDS =15V.
handbook, halfpage
0
0
50
150
Tj (°C)
4
ID
(mA)
3
1
2
MGE775
100
−0.5 V
VGS = 0 V
−1.5 V
−1 V
Fig.10 Drain current as a function of junction
temperature; typical values for BF245B.
handbook, halfpage
0
0
50
150
15
5
10
MGE776
100
Tj (°C)
ID
(mA)
VGS = 0 V
−2 V
−1 V
VDS =15V.
Fig.11 Drain current as a function of junction
temperature; typical values for BF245C.
VDS =15V.
handbook, halfpage
0
50
150
20
0
MGE779
100
4
8
12
16
Tj (°C)
ID
(mA)
VGS = 0 V
−4 V
−2 V


Número de pieza similar - BF245A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
BF245A_2015 JMNIC-BF245A_2015 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
More results

Descripción similar - BF245A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC264A PHILIPS-BC264A Datasheet
294Kb / 6P
   N-CHANNEL SILICON FIELD-EFFECT TRANSISTORS
December 1990
BF510 PHILIPS-BF510 Datasheet
37Kb / 7P
   N-channel silicon field-effect transistors
December 1997
logo
New Jersey Semi-Conduct...
J111 NJSEMI-J111 Datasheet
454Kb / 2P
   N-channel silicon field-effect transistors
logo
NXP Semiconductors
BF245A NXP-BF245A Datasheet
307Kb / 13P
   N-channel silicon field-effect transistors
1996 Jul 30
BF245A PHILIPS-BF245A Datasheet
97Kb / 11P
   N-channel silicon field-effect transistors
1996 Jul 30
PMBFJ308 PHILIPS-PMBFJ308 Datasheet
98Kb / 12P
   N-channel silicon field-effect transistors
1996 Sep 11
PN4391 PHILIPS-PN4391 Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
April 1989
J111 PHILIPS-J111 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
BF410A PHILIPS-BF410A Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
December 1990
logo
Quanzhou Jinmei Electro...
BF245A_2015 JMNIC-BF245A_2015 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com