Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF996S Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de pieza BF996S
Descripción Electrónicos  N-channel dual-gate MOS-FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF996S Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF996S_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF996S_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF996S_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF996S_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF996S_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
April 1991
4
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF996S
STATIC CHARACTERISTICS
Tj =25 °C unless otherwise specified.
DYNAMIC CHARACTERISTICS
Measuring conditions (common source): ID = 10 mA; VDS =15V; VG2-S =4V; Tamb =25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IG1−SS
gate cut-off current
VG1-S = ±5 V; VG2-S =VDS =0
−±50
nA
IG2−SS
gate cut-off current
VG2-S = ±5 V; VG1-S =VDS =0
−±50
nA
V(BR)G1-SS
gate-source breakdown voltage
IG1-S = ±10 mA; VG2-S =VDS =0
±6
±20
V
V(BR)G2-SS
gate-source breakdown voltage
IG2-S = ±10 mA; VG1-S =VDS =0
±6
±20
V
IDSS
drain current
VDS =15V; VG1-S = 0; VG2-S =4V
4
20
mA
V(P)G1-S
gate-source cut-off current
ID =20 µA; VDS = 15 V; VG2-S =4V
−−2.5
V
V(P)G2-S
gate-source cut-off current
ID =20 µA; VDS = 15 V; VG1-S =0
−−2V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
transfer admittance
f = 1 kHz
15
18
mS
Cig1-s
input capacitance at gate 1
f = 1 MHz
2.3
2.6
pF
Cig2-s
input capacitance at gate 2
f = 1 MHz
1.2
pF
Crs
feedback capacitance
f = 1 MHz
25
fF
Cos
output capacitance
f = 1 MHz
0.8
pF
F
noise figure
f = 200 MHz; GS = 2 mS; BS =BSopt
1
dB
f = 800 MHz; GS = 3.3 mS; BS =BSopt
1.8
dB
GP
power gain
f = 200 MHz; GS = 2 mS; BS =BSopt;
GL = 0.5 mS; BL =BLopt
25
dB
f = 800 MHz; GS = 3.3 mS;
BS =BSopt; GL = 1 mS; BL =BLopt
18
dB
Y
fs


Número de pieza similar - BF996S_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BF996SA VISHAY-BF996SA Datasheet
133Kb / 8P
   N.Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF996SB VISHAY-BF996SB Datasheet
133Kb / 8P
   N.Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
logo
Quanzhou Jinmei Electro...
BF996S_2015 JMNIC-BF996S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
More results

Descripción similar - BF996S_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF991 NXP-BF991 Datasheet
226Kb / 7P
   N-channel dual-gate MOS-FET
Rev. 03-20 November 2007
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF994S PHILIPS-BF994S Datasheet
41Kb / 5P
   N-channel dual-gate MOS-FET
July 1993
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com