Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF998 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de pieza BF998
Descripción Electrónicos  Silicon N-channel dual-gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF998 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF998_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1996 Aug 01
3
Philips Semiconductors
Product specification
Silicon N-channel dual-gate MOS-FETs
BF998; BF998R
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Device mounted on a ceramic substrate, 8 mm
× 10 mm × 0.7 mm.
2. Device mounted on a printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
12
V
ID
drain current
30
mA
±IG1
gate 1 current
10
mA
±IG2
gate 2 current
10
mA
Ptot
total power dissipation; BF998
up to Tamb =60 °C; see Fig.3; note 1 −
200
mW
up to Tamb =50 °C; see Fig.3; note 2 −
200
mW
Ptot
total power dissipation; BF998R up to Tamb =50 °C; see Fig.4; note 1 −
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
150
°C
Fig.3 Power derating curves; BF998.
handbook, halfpage
0
100
0
200
100
200
(mW)
Ptot max
(2)
(1)
MLA198
Tamb ( C)
o
(1) Ceramic substrate.
(2) Printed-circuit board.
Fig.4 Power derating curve; BF998R.
handbook, halfpage
0
100
0
200
100
200
(mW)
Ptot max
MGA002
Tamb (°C)


Número de pieza similar - BF998_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BF998A VISHAY-BF998A Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
BF998A VISHAY-BF998A Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF998A-GS08 VISHAY-BF998A-GS08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF998B VISHAY-BF998B Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
logo
NXP Semiconductors
BF998R PHILIPS-BF998R Datasheet
114Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
1996 Aug 01
More results

Descripción similar - BF998_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
3SK45 HITACHI-3SK45 Datasheet
68Kb / 1P
   SILICON N-CHANNEL DUAL GATE MOSFET
logo
List of Unclassifed Man...
BF980 ETC1-BF980 Datasheet
153Kb / 3P
   Silicon N-channel dual gate MOSFET
logo
Hitachi Semiconductor
3SK298 HITACHI-3SK298 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
logo
List of Unclassifed Man...
BF982 ETC-BF982 Datasheet
123Kb / 3P
   SILICON N-CHANNEL DUAL GATE MOS-FET
logo
Hitachi Semiconductor
3SK322 HITACHI-3SK322 Datasheet
90Kb / 12P
   Silicon N-Channel Dual Gate MOS FET
3SK290 HITACHI-3SK290 Datasheet
90Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
3SK194 HITACHI-3SK194 Datasheet
37Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
NXP Semiconductors
BF981 PHILIPS-BF981 Datasheet
27Kb / 1P
   SILICON N-CHANNEL DUAL GATE MOS-FET
December 1990
BF998 PHILIPS-BF998 Datasheet
114Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
1996 Aug 01
logo
Renesas Technology Corp
3SK296 RENESAS-3SK296 Datasheet
190Kb / 8P
   Silicon N-Channel Dual Gate MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com