Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF1105 Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de pieza BF1105
Descripción Electrónicos  N-channel dual-gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1105 Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1105_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1997 Dec 02
4
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1105; BF1105R; BF1105WR
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board.
STATIC CHARACTERISTICS
Tj =25 °C unless otherwise specified.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 °C; VG2-S = 4 V; VDS = 5 V; self-biasing current; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
note 1
350
K/W
Rth j-s
thermal resistance from junction to soldering point
200
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VG1-S =VG2-S = 0; ID =10 µA7
−−
V
V(BR)G1-SS gate 1-source breakdown voltage VG2-S = 0; ID = 0; IG1-S =10 µA7
−−
V
V(BR)G2-SS gate 2-source breakdown voltage VG1-S =VDS = 0; IG2-S =10 µA7
−−
V
VG2-S (th)
gate 2-source threshold voltage
VG1-S =5V; VDS =5V; ID =20 µA
0.3
0.8
1.2
V
IDSX
self-biasing drain current
VG2-S =4V; VDS =5V
8
16
mA
IG1-SS
gate 1 cut-off current
VG1-S =5V; VG2-S = 0; ID =0
−−
50
nA
IG2-SS
gate 2 cut-off current
VG1-S =VDS = 0; VG2-S =4V
−−
20
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
y
fs
forward transfer admittance
pulsed; Tj =25 °C25
31
mS
Cig1-ss
input capacitance at gate 1
f = 1 MHz
2.2
2.7
pF
Cig2-ss
input capacitance at gate 2
f = 1 MHz
1.6
pF
Coss
output capacitance
f = 1 MHz
1.2
pF
Crss
reverse transfer capacitance f = 1 MHz
25
40
fF
F
noise figure
f = 800 MHz; YS =YS opt
1.7
2.5
dB
Gp
power gain
GS = 2 mS; BS =BS opt; GL = 0.5 mS;
BL =BL opt; f = 200 MHz; see Fig.16
38
dB
GS = 3.3 mS; BS =BS opt; GL = 1 mS;
BL =BL opt; f = 800 MHz; see Fig.17
20
dB
Xmod
cross-modulation
input level for k = 1% at 0 dB AGC;
fw = 50 MHz; funw = 60 MHz; see Fig.18
85
−−
dB
µV
input level for k = 1% at 40 dB AGC;
fw = 50 MHz; funw = 60 MHz; see Fig.18
100
−−
dB
µV


Número de pieza similar - BF1105_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF1105R PHILIPS-BF1105R Datasheet
152Kb / 16P
   N-channel dual-gate MOS-FETs
1997 Dec 02
BF1105R NXP-BF1105R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1105WR PHILIPS-BF1105WR Datasheet
152Kb / 16P
   N-channel dual-gate MOS-FETs
1997 Dec 02
BF1105WR NXP-BF1105WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
More results

Descripción similar - BF1105_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com