Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS5A3159A Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TS5A3159A
Descripción Electrónicos  TS5A3159A 1-廓 SPDT Analog Switch 5-V and 3.3-V Single-Channel 2:1 Multiplexer and Demultiplexer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159A Datasheet(HTML) 1 Page - Texas Instruments

  TS5A3159A_15 Datasheet HTML 1Page - Texas Instruments TS5A3159A_15 Datasheet HTML 2Page - Texas Instruments TS5A3159A_15 Datasheet HTML 3Page - Texas Instruments TS5A3159A_15 Datasheet HTML 4Page - Texas Instruments TS5A3159A_15 Datasheet HTML 5Page - Texas Instruments TS5A3159A_15 Datasheet HTML 6Page - Texas Instruments TS5A3159A_15 Datasheet HTML 7Page - Texas Instruments TS5A3159A_15 Datasheet HTML 8Page - Texas Instruments TS5A3159A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
NC
COM
IN
NO
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TS5A3159A
SCDS200D – JUNE 2005 – REVISED JUNE 2015
TS5A3159A 1-
Ω SPDT Analog Switch
5-V and 3.3-V Single-Channel 2:1 Multiplexer and Demultiplexer
1 Features
3 Description
The TS5A3159A device is a single-pole double-throw
1
Specified Break-Before-Make Switching
(SPDT) analog switch that is designed to operate
Isolation in Power-Down Mode, V+ = 0
from 1.65 V to 5.5 V. The device offers low on-state
Terminal Compatible With TS5A3159 Device
resistance
and
excellent
ON-state
resistance
matching with the break-before-make feature, to
Low ON-State Resistance (1
Ω)
prevent signal distortion during the transferring of a
Control Inputs are 5.5-V Tolerant
signal from one channel to another. The device has
Low Charge Injection
an
excellent
total
harmonic
distortion
(THD)
performance and consumes very low power. These
Excellent On-State Resistance Matching
features make this device suitable for portable audio
Low Total Harmonic Distortion (THD)
applications.
1.65-V to 5.5-V Single-Supply Operation
Latch-Up Performance Exceeds 100 mA
Device Information(1)
Per JESD 78, Class II
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ESD Performance Tested Per JESD
TS5A3159ADBVR
SOT-23 (6)
2.90 mm × 1.60 mm
2000-V Human-Body Model
TS5A3159ADCKR
SC70 (6)
2.00 mm × 1.25 mm
(A114-B, Class II)
TS5A3159AYZPR
DSBGA (6)
1.41 mm × 0.91 mm
1000-V Charged-Device Model (C101)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
Cell Phones
PDAs
Portable Instrumentation
Audio and Video Signal Routing
Low-Voltage Data Acquisition Systems
Communication Circuits
Modems
Hard Drives
Computer Peripherals
Wireless Terminals and Peripherals
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - TS5A3159A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Descripción similar - TS5A3159A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI1-TS5A63157_14 Datasheet
810Kb / 32P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI-TS5A63157_15 Datasheet
984Kb / 31P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com