Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC5674 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza DAC5674
Descripción Electrónicos  14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC5674 Datasheet(HTML) 1 Page - Texas Instruments

  DAC5674_15 Datasheet HTML 1Page - Texas Instruments DAC5674_15 Datasheet HTML 2Page - Texas Instruments DAC5674_15 Datasheet HTML 3Page - Texas Instruments DAC5674_15 Datasheet HTML 4Page - Texas Instruments DAC5674_15 Datasheet HTML 5Page - Texas Instruments DAC5674_15 Datasheet HTML 6Page - Texas Instruments DAC5674_15 Datasheet HTML 7Page - Texas Instruments DAC5674_15 Datasheet HTML 8Page - Texas Instruments DAC5674_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
DAC5674
SLWS148A − SEPTEMBER 2003 − REVISED OCTOBER 2005
14BIT, 400 MSPS, 2y/4y INTERPOLATING CommsDAC
DIGITALTOANALOG CONVERTER
8
FEATURES
D 200-MSPS Maximum Input Data Rate
D 400-MSPS Maximum Update Rate DAC
D 76-dBc SFDR Over Full First Nyquist Zone
With Single Tone Input Signal (Fout = 21 MHz)
D 74-dBc ACPR W-CDMA at 15.36 MHz IF
D 69-dBc ACPR W-CDMA at 30.72 MHz IF
D Selectable 2y or 4y Interpolation Filter
− Linear Phase
− 0.05-dB Pass-Band Ripple
− 80-dB Stop-Band Attenuation
− Stop-Band Transition 0.4−0.6 Fdata
− Interpolation Filters Configurable in Either
Low-Pass or High-Pass Mode, Allows For
Selection High-Order Images
D On-Chip 2y/4y PLL Clock Multiplier, PLL
Bypass Mode
D Differential Scalable Current Outputs: 2 mA to
20 mA
D On-Chip 1.2-V Reference
D 1.8-V Digital and 3.3-V Analog Supply
Operation
D 1.8/3.3-V CMOS Compatible Interface
D Power Dissipation: 435 mW at 400 MSPS
D Package: 48-Pin TQFP
APPLICATIONS
D Cellular Base Transceiver Station Transmit
Channel
− CDMA: W-CDMA, CDMA2000, IS-95
− TDMA: GSM, IS-136, EDGE/UWC-136
D Test and Measurement: Arbitrary Waveform
Generation
D Direct Digital Synthesis (DDS)
D Cable Modem Termination System
DESCRIPTION
The DAC5674 is a 14-bit resolution, high-speed, digital-to-analog converter (DAC) with integrated
4
× interpolation filter, onboard clock multiplier, and on-chip voltage reference. The device has been designed
for high-speed digital data transmission in wired and wireless communication systems, high-frequency
direct-digital synthesis (DDS) and waveform reconstruction in test and measurement applications.
The 4
× interpolation filter is implemented as a cascade of two 2× interpolation filters, each of which can be
configured for either low-pass or high-pass response. This enables the user to select one of the higher order
images present at multiples of the input data rate clock while maintaining a low date input rate. The resulting
high IF output frequency allows the user to omit the conventional first mixer in heterodyne transmitter
architectures and directly up-convert to RF using only one mixer, thereby reducing system complexity and
costs.
In 4
× interpolation low-pass response mode, the DACs excellent spurious free dynamic range (SFDR) at
intermediate frequencies located in the first Nyquist zone (up to 40 MHz) allows for multicarrier transmission
in cellular base transceiver stations (BTS). The low-pass interpolation mode thereby relaxes image filter
requirements by filtering out the images in the adjacent Nyquist zones.
The DAC5674 PLL clock multiplier controls all internal clocks for the digital filters and DAC core. The differential
clock input and internal clock circuitry provides for optimum jitter performance. Sine wave clock input signal is
supported. The PLL can be bypassed by an external clock running at the DAC core update rate. The clock
divider of the PLL ensures that the digital filters operate at the correct clock frequencies.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Excel is a trademark of Microsoft Corporation.
CommsDAC and PowerPAD are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2005, Texas Instruments Incorporated


Número de pieza similar - DAC5674_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5674IPHP TI1-DAC5674IPHP Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674IPHPG4 TI1-DAC5674IPHPG4 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674IPHPR TI1-DAC5674IPHPR Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674IPHPRG4 TI1-DAC5674IPHPRG4 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC5674_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com