Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SAW0LA0A Datasheet(PDF) 1 Page - Seoul Semiconductor

No. de pieza SAW0LA0A
Descripción Electrónicos  Superior high Flux for High Voltage System
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW0LA0A Datasheet(HTML) 1 Page - Seoul Semiconductor

  SAW0LA0A Datasheet HTML 1Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 2Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 3Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 4Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 5Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 6Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 7Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 8Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW0LA0A - Acrich MJT 5050
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
1
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.1, Sep 9, 2015
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
Features and Benefits
Key Applications
• ex) Outdoor area – Streetlight
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
승인원 아이콘 삽입
•Key Applications
•Replacement lamps
•Architectural
•Entertainment
•Retail Display
•Commercial
•Industrial
•Outdoor area
•Off-grid
•Residential
•Consumer portable
•Safety & Security
•Strings & Strips
•Automotive Exterior Lighting
•Automotive Interior Lighting
Superior high Flux for High Voltage System
SAW0LA0A (Cool, Neutral)
Acrich MJT
– 5050 Series
The MJT series of LEDs are designed
for AC & DC(High Voltage) operation
and high flux output applications.
MJT’s thermal management
performance exceeds other power LED
solutions by incorporating state-of-the-
art SMD design and use of specialized
thermal emission material.
MJT is an ideal light source for general
purpose illumination applications.
Super high Flux output and high
Luminance
31V typical forward voltage @40mA
Dimension : 5.0x5.0x0.65mm
High Color Quality with CRI Min. 70
SMT solderable
Architectural
Retail Display
Commercial
Industrial - High/Low bay
Outdoor area - Street & tunnel light
parking light
Off-grid
Safety & Security
Part Number
CCT
Color
Min.
Typ.
Max.
SAW0LA0A
Cool White
4700K
5600K
7000K
Neutral White
3700K
4200K
4700K
Table 1. Product Selection Table
RoHS
RoHS
LM-80
MacAdam
3-Step
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입


Número de pieza similar - SAW0LA0A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SAW0L7PA SEOUL-SAW0L7PA Datasheet
859Kb / 23P
   Superior high Flux for High Current System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
More results

Descripción similar - SAW0LA0A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
   Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
   Superior high Flux for High Voltage System
SAW8KG0B SEOUL-SAW8KG0B Datasheet
1Mb / 31P
   Superior high Flux for High Voltage System
SAWX9D0A SEOUL-SAWX9D0A Datasheet
708Kb / 20P
   Superior high Flux for High Voltage System
SAW8LA0A SEOUL-SAW8LA0A Datasheet
859Kb / 25P
   Superior high Flux for High Voltage System
SAW9KG0B SEOUL-SAW9KG0B Datasheet
1Mb / 23P
   Superior high Flux for High Voltage System
SAW8FS72A SEOUL-SAW8FS72A Datasheet
1Mb / 31P
   Superior high Flux for High Voltage System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
SDW03F1C SEOUL-SDW03F1C Datasheet
477Kb / 20P
   Superior high Flux for High Current System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com