Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STF0A36B Datasheet(PDF) 9 Page - Seoul Semiconductor

No. de pieza STF0A36B
Descripción Electrónicos  The Best lm-W in Full Color Products
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STF0A36B Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button STF0A36B Datasheet HTML 5Page - Seoul Semiconductor STF0A36B Datasheet HTML 6Page - Seoul Semiconductor STF0A36B Datasheet HTML 7Page - Seoul Semiconductor STF0A36B Datasheet HTML 8Page - Seoul Semiconductor STF0A36B Datasheet HTML 9Page - Seoul Semiconductor STF0A36B Datasheet HTML 10Page - Seoul Semiconductor STF0A36B Datasheet HTML 11Page - Seoul Semiconductor STF0A36B Datasheet HTML 12Page - Seoul Semiconductor STF0A36B Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.seoulsemicon.com
Product Data Sheet
STF0A36B
– Full Color LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
9
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev5.0, Jul 17, 2014
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Bin
Total IV [mcd]
White Rank
AA
A
a
AB
b
AC
c
AD
d
AE
e
AF
f
AG
g
AH
h
BA
B
a
BB
b
BC
c
BD
d
BE
e
BF
f
BG
g
BH
h
CA
C
a
CB
b
CC
c
CD
d
CE
e
CF
f
CG
g
CH
h
DA
D
a
DB
b
DC
c
DD
d
DE
e
DF
f
DG
g
DH
h
Table 6. Bin Code Description
Part Number
Luminous Intensity
(mcd)
Bin
Code
Min.
Max.
STF0A36B
A
900
1,500
B
1,500
2,000
C
2,000
2,500
D
2,500
3,000
White Balance Intensity Rank (Red : 15mA / Green : 20mA / Blue : 12mA)
Notes :


Número de pieza similar - STF0A36B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
STF0A36C SEOUL-STF0A36C Datasheet
714Kb / 18P
   The Best lm/W in Full Color Products
More results

Descripción similar - STF0A36B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
STF0A36C SEOUL-STF0A36C Datasheet
714Kb / 18P
   The Best lm/W in Full Color Products
STW9Q14D SEOUL-STW9Q14D Datasheet
1Mb / 31P
   Enabling the best lm-W in Mid Power Range
SFT825G-S SEOUL-SFT825G-S Datasheet
1,018Kb / 32P
   Enabling the best lm/W in Mid Power Range
SAW8Q24D SEOUL-SAW8Q24D Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STW8Q14D-E3 SEOUL-STW8Q14D-E3 Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STW7Q14D-E3 SEOUL-STW7Q14D-E3 Datasheet
864Kb / 23P
   Enabling the Best lm/W in Mid Power Range
E2-STW8Q14D SEOUL-E2-STW8Q14D Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STW8Q14D-E4 SEOUL-STW8Q14D-E4 Datasheet
953Kb / 26P
   Enabling the Best lm/W in Mid Power Range
STW8Q14YE SEOUL-STW8Q14YE Datasheet
1Mb / 33P
   Enabling the best lm-W in Mid Power Range
STW9Q14D-E3 SEOUL-STW9Q14D-E3 Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com