Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ULN2804G-S18-T Datasheet(PDF) 3 Page - Unisonic Technologies

No. de pieza ULN2804G-S18-T
Descripción Electrónicos  EIGHT HIGH VOLTAGE, HIGH CURRENT DARLINGTON ARRAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2804G-S18-T Datasheet(HTML) 3 Page - Unisonic Technologies

  ULN2804G-S18-T Datasheet HTML 1Page - Unisonic Technologies ULN2804G-S18-T Datasheet HTML 2Page - Unisonic Technologies ULN2804G-S18-T Datasheet HTML 3Page - Unisonic Technologies ULN2804G-S18-T Datasheet HTML 4Page - Unisonic Technologies ULN2804G-S18-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ULN2804
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R113-002.B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
30
V
Output Voltage
VOUT
50
V
Collector Current – Continuous
IC
500
mA
Base Current – Continuous
IB
25
mA
Power Dissipation
DIP-18
PD
1.5
W
SOP-18
0.95
W
Junction Temperature
TJ
+120
C
Operating Ambient Temperature
TOPR
0 ~ +70
C
Storage Temperature
TSTG
-55 ~ +150
C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Thermal resistance from junction to Ambient
DIP-18
θJA
60
C /W
SOP-18
80
C /W
ELECTRICAL CHARACTERISTICS (Ta = 25C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST
FIGURE
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Emitter
Saturation Voltage
VCE(SAT)
1
IOUT=350mA, IIN=500A
1.3
1.6
V
IOUT=200mA, IIN=350A
1.1
1.3
V
IOUT=100mA,IIN=250A
0.9
1.1
V
Input Voltage
VIN(ON)
2
VCE=2.0V
IOUT=125mA
5.0
V
IOUT=200mA
6.0
V
IOUT=275mA
7.0
V
IOUT=350mA
8.0
V
Clamp Diode Forward Voltage
VF
3
IF=350mA
1.5
2.0
V
Output Leakage Current
ICEX
4a
VOUT=50V,Ta=70C
100
A
4b
VOUT=50V,Ta=70C,VIN =1.0V
500
Input Current
ON
IIN(ON)
5
VIN =5V
0.35
0.5
mA
VIN =12V
1.0
1.45
mA
OFF
IIN(OFF)
6
IOUT=500A, Ta=70C
50
100
A
Clamp Diode Reverse Current
IR
7
VR=50V, Ta=25C
50
A
VR=50V, Ta=70C
100
A
DC Current Gain
hFE
VOUT=2V, IOUT=350mA
1000
Input Capacitance
CIN
15
25
pF
Turn-On Delay
tON
8
0.25
1
S
Turn-Off Delay
tOFF
8
0.25
1
S


Número de pieza similar - ULN2804G-S18-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
ULN2804 ALLEGRO-ULN2804 Datasheet
166Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2804 FCI-ULN2804 Datasheet
235Kb / 5P
   High-Voltage,High-Current Darlington Arrays
logo
Unisonic Technologies
ULN2804 UTC-ULN2804 Datasheet
189Kb / 5P
   EIGHT HIGH VOLTAGE, HIGH CURRENT DARLINGTON ARRAYS
logo
ON Semiconductor
ULN2804A ONSEMI-ULN2804A Datasheet
85Kb / 6P
   OCTAL PERIPHERAL DRIVER ARRAYS
REV 1
logo
Allegro MicroSystems
ULN2804A ALLEGRO-ULN2804A Datasheet
166Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
More results

Descripción similar - ULN2804G-S18-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
ULN2804 UTC-ULN2804 Datasheet
189Kb / 5P
   EIGHT HIGH VOLTAGE, HIGH CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
   High-Voltage,High-Current Darlington Arrays
logo
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
List of Unclassifed Man...
UNL2803 ETC2-UNL2803 Datasheet
219Kb / 5P
   High-Voltage, High-Current Darlington Arrays
logo
Allegro MicroSystems
A2001 ALLEGRO-A2001 Datasheet
316Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
logo
Leshan Radio Company
LR2003A LRC-LR2003A Datasheet
289Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2003 FCI-ULN2003 Datasheet
268Kb / 5P
   High-Voltage, High - Current Darlington Arrays
logo
Allegro MicroSystems
2803 ALLEGRO-2803 Datasheet
166Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
List of Unclassifed Man...
ULN-7000A ETC2-ULN-7000A Datasheet
684Kb / 32P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com