Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD87350Q5D Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza CSD87350Q5D
Descripción Electrónicos  CSD87350Q5D Synchronous Buck NexFET??Power Block
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD87350Q5D Datasheet(HTML) 11 Page - Texas Instruments

Back Button CSD87350Q5D_15 Datasheet HTML 7Page - Texas Instruments CSD87350Q5D_15 Datasheet HTML 8Page - Texas Instruments CSD87350Q5D_15 Datasheet HTML 9Page - Texas Instruments CSD87350Q5D_15 Datasheet HTML 10Page - Texas Instruments CSD87350Q5D_15 Datasheet HTML 11Page - Texas Instruments CSD87350Q5D_15 Datasheet HTML 12Page - Texas Instruments CSD87350Q5D_15 Datasheet HTML 13Page - Texas Instruments CSD87350Q5D_15 Datasheet HTML 14Page - Texas Instruments CSD87350Q5D_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Output Current (A)
0
5
10
15
20
25
30
35
40
45
72
75
78
81
84
87
90
93
96
D029
VGS = 5 V
VIN = 12 V
VOUT = 1.3 V
LOUT = 0.3 PH
fSW = 500 kHz
TA = 25qC
Power Block HS/LS RDS(on) = 5 m: / 2.1 m:
Discrete HS/LS RDS(on) = 5 m: / 2.1 m:
Discrete HS/LS RDS(on) = 5 m: / 1.2 m:
Output Current (A)
0
5
10
15
20
25
30
35
40
45
0
1
2
3
4
5
6
7
8
9
10
11
D030
VGS = 5 V
VIN = 12 V
VOUT = 1.3 V
LOUT = 0.3 PH
fSW = 500 kHz
TA = 25qC
Power Block HS/LS RDS(on) = 5 m: / 2.1 m:
Discrete HS/LS RDS(on) = 5 m: / 2.1 m:
Discrete HS/LS RDS(on) = 5 m: / 1.2 m:
PWM
Driver
Driver
Switch
Node
Co
Load
RPCB
CESR
CINPUT
CESL
LDRAIN
LDRAIN
LSOURCE
LSOURCE
Control
FET
Sync
FET
Lo
IL
Input
Supply
CTOTAL
CSD87350Q5D
www.ti.com
SLPS288D – MARCH 2011 – REVISED SEPTEMBER 2014
Application Information (continued)
Figure 29.
The combination of TI’s latest generation silicon and optimized packaging technology has created a
benchmarking solution that outperforms industry standard MOSFET chipsets of similar RDS(ON) and MOSFET
chipsets with lower RDS(ON). Figure 30 and Figure 31 compare the efficiency and power loss performance of the
CSD87350Q5D versus industry standard MOSFET chipsets commonly used in this type of application. This
comparison purely focuses on the efficiency and generated loss of the power semiconductors only. The
performance of CSD87350Q5D clearly highlights the importance of considering the Effective AC On-Impedance
(ZDS(ON)) during the MOSFET selection process of any new design. Simply normalizing to traditional MOSFET
RDS(ON) specifications is not an indicator of the actual in-circuit performance when using TI’s Power Block
technology.
Figure 30. Efficiency
Figure 31. Power Loss
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11


Número de pieza similar - CSD87350Q5D_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD87350Q5D TI1-CSD87350Q5D Datasheet
761Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87350Q5D TI1-CSD87350Q5D Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
More results

Descripción similar - CSD87350Q5D_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com