Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD95375Q4M Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza CSD95375Q4M
Descripción Electrónicos  CSD95375Q4M Synchronous Buck NexFET??Power Stage
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD95375Q4M Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD95375Q4M_15 Datasheet HTML 2Page - Texas Instruments CSD95375Q4M_15 Datasheet HTML 3Page - Texas Instruments CSD95375Q4M_15 Datasheet HTML 4Page - Texas Instruments CSD95375Q4M_15 Datasheet HTML 5Page - Texas Instruments CSD95375Q4M_15 Datasheet HTML 6Page - Texas Instruments CSD95375Q4M_15 Datasheet HTML 7Page - Texas Instruments CSD95375Q4M_15 Datasheet HTML 8Page - Texas Instruments CSD95375Q4M_15 Datasheet HTML 9Page - Texas Instruments CSD95375Q4M_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
0
400
800
1200
1600
2000
2400
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
−0.8
0.0
0.8
1.6
2.5
3.3
4.1
4.9
5.7
Switching Frequency (kHz)
VIN = 12V
VDD = 5V
VOUT = 1.8V
LOUT = 0.29µH
IOUT = 25A
G001
4
6
8
10
12
14
16
0.98
0.99
1
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
−0.3
−0.2
0.0
0.2
0.3
0.5
0.7
0.8
1.0
1.2
1.3
Input Voltage (V)
VDD = 5V
VOUT = 1.8V
LOUT = 0.29µH
fSW = 500kHz
IOUT = 25A
G001
0
5
10
15
20
25
30
0
10
20
30
40
50
60
70
80
90
Ambient Temperature (ºC)
400LFM
200LFM
100LFM
Nat Conv
VIN = 12V
VDD = 5V
VOUT = 1.8V
fSW = 500kHz
LOUT = 0.29µH
G001
0
5
10
15
20
25
30
0
20
40
60
80
100
120
140
Board Temperature (ºC)
Min
Typ
VIN = 12V
VDD = 5V
VOUT = 1.8V
fSW = 500kHz
LOUT = 0.29µH
G001
0
1
2
3
4
5
6
7
8
9
1
4
7
10
13
16
19
22
25
Output Current (A)
Typ
Max
VIN = 12V
VDD = 5V
VOUT = 1.8V
fSW = 500kHz
LOUT = 0.29µH
G001
0.6
0.7
0.8
0.9
1
1.1
−50
−25
0
25
50
75
100
125
150
Junction Temperature (ºC)
VIN = 12V
VDD = 5V
VOUT = 1.8V
fSW = 500kHz
LOUT = 0.29µH
G001
CSD95375Q4M
SLPS430A – AUGUST 2013 – REVISED AUGUST 2014
www.ti.com
6.5 Typical Characteristics
TJ = 125°C, unless stated otherwise.
Figure 2. Power Loss vs Output Current
Figure 3. Power Loss vs Temperature
Figure 4. Safe Operating Area (SOA) – PCB Horizontal
Figure 5. Typical Safe Operating Area (SOA) (1)
Mount (1)
Figure 6. Normalized Power Loss vs Frequency
Figure 7. Normalized Power Loss vs Input Voltage
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated


Número de pieza similar - CSD95375Q4M_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results

Descripción similar - CSD95375Q4M_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com