Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD96371Q5M Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza CSD96371Q5M
Descripción Electrónicos  Synchronous Buck NexFET??Power Stage
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD96371Q5M Datasheet(HTML) 4 Page - Texas Instruments

  CSD96371Q5M_15 Datasheet HTML 1Page - Texas Instruments CSD96371Q5M_15 Datasheet HTML 2Page - Texas Instruments CSD96371Q5M_15 Datasheet HTML 3Page - Texas Instruments CSD96371Q5M_15 Datasheet HTML 4Page - Texas Instruments CSD96371Q5M_15 Datasheet HTML 5Page - Texas Instruments CSD96371Q5M_15 Datasheet HTML 6Page - Texas Instruments CSD96371Q5M_15 Datasheet HTML 7Page - Texas Instruments CSD96371Q5M_15 Datasheet HTML 8Page - Texas Instruments CSD96371Q5M_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ENABLE
NC
V
DD
V
SW
V
SW
V
SW
V
SW
V
SW
V
IN
V
IN
V
IN
V
IN
V
IN
V
IN
V
SW
1
2
3
4
5
6
7
8
9
10
11
12
P0125-01
13
14
15
16
17
PGND
23
18
19
20
21
22
SON5mm
6mm
22-PinPackage
(TopView)
´
NC
NC
NC
NC
PWM
BOOT
BOOT_R
CSD96371Q5M
SLPS299 – DECEMBER 2012
www.ti.com
PIN CONFIGURATION
PIN DESCRIPTION
PIN
DESCRIPTION
NO.
NAME
1
ENABLE
Enables device operation. If ENABLE=logic HIGH, turns on the device. If ENABLE=logic LOW, the device is turned off
and MOSFET gates are actively pulled low. An internal 100k
Ω pull down resistor will pull the ENABLE pin LOW if left
floating.
2
NC
Not for electrical connection, connect to floating pad only.
3
VDD
Supply Voltage to Gate Drivers and internal circuitry.
4
NC
Not for electrical connection, connect to floating pad only.
5
NC
Not for electrical connection, connect to floating pad only.
6
VSW
Voltage Switching Node – pin connection to the output inductor.
7
VSW
Voltage Switching Node – pin connection to the output inductor.
8
VSW
Voltage Switching Node – pin connection to the output inductor.
9
VSW
Voltage Switching Node – pin connection to the output inductor.
10
VSW
Voltage Switching Node – pin connection to the output inductor.
11
VSW
Voltage Switching Node – pin connection to the output inductor.
12
VIN
Input Voltage Pin. Connect input capacitors close to this pin.
13
VIN
Input Voltage Pin. Connect input capacitors close to this pin.
14
VIN
Input Voltage Pin. Connect input capacitors close to this pin.
15
VIN
Input Voltage Pin. Connect input capacitors close to this pin.
16
VIN
Input Voltage Pin. Connect input capacitors close to this pin.
17
VIN
Input Voltage Pin. Connect input capacitors close to this pin.
18
BOOT_R
Bootstrap capacitor connection. Connect a minimum 0.1µF 16V X5R, ceramic cap from BOOT to BOOT_R pins. The
bootstrap capacitor provides the charge to turn on the Control FET. The bootstrap diode is integrated.
19
BOOT
20
NC
Not for electrical connection, connect to floating pad only.
21
NC
Not for electrical connection, connect to floating pad only.
22
PWM
Pulse Width modulated 3-state input from external controller. Logic Low sets Control FET gate low and Sync FET gate
high. Logic High sets Control FET gate high and Sync FET gate Low. Open or High Z sets both MOSFET gates low if
greater than the 3-State Shutdown Hold-off Time (t3HT)
23
PGND
Power Ground
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Número de pieza similar - CSD96371Q5M_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results

Descripción similar - CSD96371Q5M_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com