Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM27313 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LM27313
Descripción Electrónicos  LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM27313 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM27313_15 Datasheet HTML 6Page - Texas Instruments LM27313_15 Datasheet HTML 7Page - Texas Instruments LM27313_15 Datasheet HTML 8Page - Texas Instruments LM27313_15 Datasheet HTML 9Page - Texas Instruments LM27313_15 Datasheet HTML 10Page - Texas Instruments LM27313_15 Datasheet HTML 11Page - Texas Instruments LM27313_15 Datasheet HTML 12Page - Texas Instruments LM27313_15 Datasheet HTML 13Page - Texas Instruments LM27313_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LM27313
SW
FB
GND
VIN
SHDN
U1
R3
51k
SHDN
GND
5 VIN
C1
2.2 2F
R2
13.3k
CF
220 pF
D1
MBR0520
R1/117k
L1/10 2H
C2
4.7 2F
12V
OUT
260 mA
(TYP)
LM27313, LM27313-Q1
SNVS487E – DECEMBER 2006 – REVISED JANUARY 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The device operates with input voltage in the range of 2.7 V to 14 V and provides regulated output voltage. This
device is optimized for high-efficiency operation with minimum number of external components. Also, high
switching frequency allows use of small surface mount components, enabling very small solution size. For
component selection, refer to Detailed Design Procedure.
8.2 Typical Applications
8.2.1 Application Circuit VIN=5.0 V, VOUT=12.0 V, Iload=250 mA
Figure 12. Typical Application Circuit
Figure 13. Efficiency vs. Load Current
8.2.1.1 Design Requirements
The device must be able to operate at any voltage within input voltage range.
Load Current must be defined in order to properly size the inductor, input and output capacitors. The inductor
should be able to handle full expected load current as well as the peak current generated during load transients
and start up. Inrush current at startup will depend on the output capacitor selection. More details are provided in
Detailed Design Procedure.
Device has a shutdown pin (SHDN) that is used to enable and disable device. This pin is active low and should
be tied to VIN if not used in application.
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM27313 LM27313-Q1


Número de pieza similar - LM27313_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM27313XMF NSC-LM27313XMF Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM27313XMF TI-LM27313XMF Datasheet
1,013Kb / 20P
[Old version datasheet]   LM27313/LM27313-Q1
logo
National Semiconductor ...
LM27313XMFX NSC-LM27313XMFX Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM27313XMFX TI-LM27313XMFX Datasheet
1,013Kb / 20P
[Old version datasheet]   LM27313/LM27313-Q1
LM27313XQMF TI-LM27313XQMF Datasheet
1,013Kb / 20P
[Old version datasheet]   LM27313/LM27313-Q1
More results

Descripción similar - LM27313_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
[Old version datasheet]    0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com