Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM27313-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM27313-Q1
Descripción Electrónicos  LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM27313-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  LM27313-Q1 Datasheet HTML 1Page - Texas Instruments LM27313-Q1 Datasheet HTML 2Page - Texas Instruments LM27313-Q1 Datasheet HTML 3Page - Texas Instruments LM27313-Q1 Datasheet HTML 4Page - Texas Instruments LM27313-Q1 Datasheet HTML 5Page - Texas Instruments LM27313-Q1 Datasheet HTML 6Page - Texas Instruments LM27313-Q1 Datasheet HTML 7Page - Texas Instruments LM27313-Q1 Datasheet HTML 8Page - Texas Instruments LM27313-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LM27313, LM27313-Q1
SNVS487E – DECEMBER 2006 – REVISED JANUARY 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes.......................................... 9
1
Features .................................................................. 1
8
Application and Implementation ........................ 10
2
Applications ........................................................... 1
8.1
Application Information............................................ 10
3
Description ............................................................. 1
8.2
Typical Applications ................................................ 10
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 17
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 17
6
Specifications......................................................... 3
10.1
Layout Guidelines ................................................. 17
6.1
Absolute Maximum Ratings ...................................... 3
10.2
Layout Example .................................................... 17
6.2
ESD Ratings: LM27313 ............................................ 3
10.3
Thermal Considerations ........................................ 17
6.3
ESD Ratings: LM27313-Q1 ...................................... 4
11
Device and Documentation Support ................. 18
6.4
Recommended Operating Conditions ....................... 4
11.1
Device Support...................................................... 18
6.5
Thermal Information .................................................. 4
11.2
Related Links ........................................................ 18
6.6
Electrical Characteristics........................................... 5
11.3
Trademarks ........................................................... 18
6.7
Typical Characteristics .............................................. 6
11.4
Electrostatic Discharge Caution ............................ 18
7
Detailed Description .............................................. 8
11.5
Glossary ................................................................ 18
7.1
Overview ................................................................... 8
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 8
Information ........................................................... 18
7.3
Feature Description................................................... 8
4 Revision History
Changes from Revision D (April 2013) to Revision E
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision C (April 2013) to Revision D
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 15
2
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM27313 LM27313-Q1


Número de pieza similar - LM27313-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM27313 NSC-LM27313 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM27313 TI-LM27313 Datasheet
1,013Kb / 20P
[Old version datasheet]   LM27313/LM27313-Q1
logo
National Semiconductor ...
LM27313XMF NSC-LM27313XMF Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM27313XMF TI-LM27313XMF Datasheet
1,013Kb / 20P
[Old version datasheet]   LM27313/LM27313-Q1
logo
National Semiconductor ...
LM27313XMFX NSC-LM27313XMFX Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
More results

Descripción similar - LM27313-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
[Old version datasheet]    0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com