Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC5602C Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TLC5602C
Descripción Electrónicos  VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC5602C Datasheet(HTML) 3 Page - Texas Instruments

  TLC5602C_15 Datasheet HTML 1Page - Texas Instruments TLC5602C_15 Datasheet HTML 2Page - Texas Instruments TLC5602C_15 Datasheet HTML 3Page - Texas Instruments TLC5602C_15 Datasheet HTML 4Page - Texas Instruments TLC5602C_15 Datasheet HTML 5Page - Texas Instruments TLC5602C_15 Datasheet HTML 6Page - Texas Instruments TLC5602C_15 Datasheet HTML 7Page - Texas Instruments TLC5602C_15 Datasheet HTML 8Page - Texas Instruments TLC5602C_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TLC5602C, TLC5602M
VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS023D – FEBRUARY 1989 – REVISED JANUARY 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematics of equivalent input and output
EQUIVALENT OF ANALOG OUTPUT
EQUIVALENT OF EACH DIGITAL INPUT
ANLG‡
GND
A OUT
80
ANLG VDD1
Dn
DGTL VDD
ANLG‡
GND
DGTL‡
GND
DGTL VDD
‡ ANLG GND and DGTL GND do not connect internally and should be tied together as close to the device terminals as possible.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, ANLG VDD, DGTL VDD
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range, VI
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog reference voltage range, Vref
VDD – 1.7 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC5602C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC5602M
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.75
5
5.25
V
Analog reference voltage, Vref
3.8
4
4.2
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Pulse duration, CLK high or low, tw
25
ns
Setup time, data before CLK
↑, tsu
16.5
ns
Hold time, data after CLK
↑, th
12.5
ns
Phase compensation capacitance, Ccomp (see Note 1)
1
µF
Load resistance, RL
75
Operating free air temperature TA
TLC5602C
0
70
°C
Operating free-air temperature,TA
TLC5602M
– 55
125
°C
NOTE 1: The phase compensation capacitor should be connected between COMP and ANLG GND.


Número de pieza similar - TLC5602C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC5602CDW TI-TLC5602CDW Datasheet
135Kb / 9P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDW TI-TLC5602CDW Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDWG4 TI-TLC5602CDWG4 Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDWR TI-TLC5602CDWR Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDWRG4 TI-TLC5602CDWRG4 Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Descripción similar - TLC5602C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC5602CDWR TI-TLC5602CDWR Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602C TI-TLC5602C Datasheet
135Kb / 9P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
Analog Devices
MATV-0820 AD-MATV-0820_15 Datasheet
1Mb / 4P
   8-bit video analog to digital converter
MATV-0816 AD-MATV-0816_15 Datasheet
1Mb / 4P
   8-Bit Video Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8702 PHILIPS-TDA8702 Datasheet
120Kb / 19P
   8-bit video digital-to-analog converter
1996 Aug 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com