Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UA2311 Datasheet(PDF) 2 Page - Unisonic Technologies

No. de pieza UA2311
Descripción Electrónicos  16 BITS DIGITAL to ANALOG CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA2311 Datasheet(HTML) 2 Page - Unisonic Technologies

  UA2311_15 Datasheet HTML 1Page - Unisonic Technologies UA2311_15 Datasheet HTML 2Page - Unisonic Technologies UA2311_15 Datasheet HTML 3Page - Unisonic Technologies UA2311_15 Datasheet HTML 4Page - Unisonic Technologies UA2311_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UA2311
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-043.B
PIN CONFIGURATION
1
2
3
4
5
6
7
8
VOR
NC
VOL
VDD
GND
DATA
WS
BCK
PIN CONFIGURATION
PIN NO.
PIN NAME
DESCRIPTION
1
BCK
Bit Clock Input
2
WS
Word Select Input
3
DATA
Data Input
4
GND
Ground
5
VDD
Positive Power Supply
6
VOL
Left Channel Output
7
NC
Not Connected
8
VOR
Right Channel Output
BLOCK DIAGRAM
4
3
2
1
Data Latch
Floating
Conversion
DAC
+
-
op
out
+
-
op
out
DAC
+
-
op
out
Floating
Conversion
VCC
GND
WS
DATA
BCK
5VDD
6VOL
7
NC
8
VOR


Número de pieza similar - UA2311_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UA2311-D08-T UTC-UA2311-D08-T Datasheet
90Kb / 5P
   16 BITS DIGITAL to ANALOG CONVERTER
UA2311-S08-R UTC-UA2311-S08-R Datasheet
90Kb / 5P
   16 BITS DIGITAL to ANALOG CONVERTER
UA2311-S08-T UTC-UA2311-S08-T Datasheet
90Kb / 5P
   16 BITS DIGITAL to ANALOG CONVERTER
UA2311L-D08-T UTC-UA2311L-D08-T Datasheet
90Kb / 5P
   16 BITS DIGITAL to ANALOG CONVERTER
UA2311L-S08-R UTC-UA2311L-S08-R Datasheet
90Kb / 5P
   16 BITS DIGITAL to ANALOG CONVERTER
More results

Descripción similar - UA2311_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UA2311 UTC-UA2311 Datasheet
90Kb / 5P
   16 BITS DIGITAL to ANALOG CONVERTER
logo
Princeton Technology Co...
PT8211 PTC-PT8211 Datasheet
81Kb / 3P
   16 Bits Digital-To-Analog Converter IC
PT8215 PTC-PT8215 Datasheet
321Kb / 3P
   16 Bits Digital-To-Analog Converter IC?
logo
Burr-Brown (TI)
PCM1725 BURR-BROWN-PCM1725 Datasheet
131Kb / 9P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
PCM1726 BURR-BROWN-PCM1726 Datasheet
132Kb / 9P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
logo
List of Unclassifed Man...
ADC812 ETC-ADC812 Datasheet
228Kb / 36P
   Analog to Digital Converter 8 canali 12 bits
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com