Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPL0401C Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPL0401C
Descripción Electrónicos  128 TAPS Single Channel Digital Potentiometer with I2C Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPL0401C Datasheet(HTML) 5 Page - Texas Instruments

  TPL0401C Datasheet HTML 1Page - Texas Instruments TPL0401C Datasheet HTML 2Page - Texas Instruments TPL0401C Datasheet HTML 3Page - Texas Instruments TPL0401C Datasheet HTML 4Page - Texas Instruments TPL0401C Datasheet HTML 5Page - Texas Instruments TPL0401C Datasheet HTML 6Page - Texas Instruments TPL0401C Datasheet HTML 7Page - Texas Instruments TPL0401C Datasheet HTML 8Page - Texas Instruments TPL0401C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPL0401A
TPL0401B
TPL0401C
www.ti.com
SLIS144A – SEPTEMBER 2011 – REVISED MARCH 2012
ANALOG SPECIFICATIONS
Typical values are specified at 25
oC and Vdd=3.3V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TPL0401A/B-10
8
10
12
k
End-to-end resistance (between H
RTOTAL
and L terminals)
TPL0401C-50
40
50
60
k
VH
Terminal voltage range
0
VDD
V
RH
Terminal resistance
35
100
RW
Wiper resistance
35
100
CH
Terminal capacitance
10
pF
CW
Wiper capacitance
11
pF
ILKG
Terminal leakage current
0.1
1
µA
TPL0401A/B-10
22
ppm/°C
TCR
Resistance temperature coefficient
TPL0401C-50
TBD
ppm/°C
VOLTAGE DIVIDER MODE (TPL0401A, TPL0401B, VH = VDD, VW = Not Loaded)
INL
Integral non-linearity
–0.5
0.5
LSB
DNL
Differential non-linearity
–0.25
0.25
LSB
ZSERROR
Zero-scale error
0
0.75
1.5
LSB
FSERROR
Full-scale error
–1.5
-0.75
0
LSB
Ratiometric temperature
TCV
Wiper set at mid-scale
4
ppm/°C
coefficient
Wiper set at mid-scale,
BW
Bandwidth
2862
kHz
, CLOAD = 10 pF
TSW
Wiper settling time
0.152
µS
VH = 1 VRMS at 1 kHz,
THD
Total harmonic distortion
0.03
%
VL = VDD/2, Measurement at W
RHEOSTAT MODE (TPL0401C)
RINL
Integral non-linearity
TBD
LSB
RDNL
Differential non-linearity
TBD
LSB
ROFFSET
Offset
TBD
LSB
Code=0x00h, L Floating, Input applied to W, 10pF
RBW
Bandwidth
TBD
kHz
on H
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPL0401A TPL0401B TPL0401C


Número de pieza similar - TPL0401C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPL0401C TI1-TPL0401C Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401C TI1-TPL0401C Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401C-50DCKR TI1-TPL0401C-50DCKR Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401C-50DCKR TI1-TPL0401C-50DCKR Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401C-50DCKR TI1-TPL0401C-50DCKR Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
More results

Descripción similar - TPL0401C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_17 Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com