Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM3359 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza AM3359
Descripción Electrónicos  AM335x Sitara Processors
Download  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 2 Page - Texas Instruments

  AM3359_15 Datasheet HTML 1Page - Texas Instruments AM3359_15 Datasheet HTML 2Page - Texas Instruments AM3359_15 Datasheet HTML 3Page - Texas Instruments AM3359_15 Datasheet HTML 4Page - Texas Instruments AM3359_15 Datasheet HTML 5Page - Texas Instruments AM3359_15 Datasheet HTML 6Page - Texas Instruments AM3359_15 Datasheet HTML 7Page - Texas Instruments AM3359_15 Datasheet HTML 8Page - Texas Instruments AM3359_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 248 page
background image
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352
SPRS717H – OCTOBER 2011 – REVISED MAY 2015
www.ti.com
Five ADPLLs to Generate System Clocks
Transmission (SPDIF, IEC60958-1, and
(MPU Subsystem, DDR Interface, USB and
AES-3 Formats)
Peripherals [MMC and SD, UART, SPI, I2C],
FIFO Buffers for Transmit and Receive (256
L3, L4, Ethernet, GFX [SGX530], LCD Pixel
Bytes)
Clock)
– Up to Six UARTs
– Power
All UARTs Support IrDA and CIR Modes
Two Nonswitchable Power Domains (Real-
All UARTs Support RTS and CTS Flow
Time Clock [RTC], Wake-Up Logic
Control
[WAKEUP])
UART1 Supports Full Modem Control
Three Switchable Power Domains (MPU
– Up to Two Master and Slave McSPI Serial
Subsystem [MPU], SGX530 [GFX],
Interfaces
Peripherals and Infrastructure [PER])
Up to Two Chip Selects
Implements SmartReflex™ Class 2B for
Up to 48 MHz
Core Voltage Scaling Based On Die
– Up to Three MMC, SD, SDIO Ports
Temperature, Process Variation, and
1-, 4- and 8-Bit MMC, SD, SDIO Modes
Performance (Adaptive Voltage Scaling
[AVS])
MMCSD0 has Dedicated Power Rail for
1.8
‑V or 3.3-V Operation
Dynamic Voltage Frequency Scaling (DVFS)
Up to 48-MHz Data Transfer Rate
• Real-Time Clock (RTC)
Supports Card Detect and Write Protect
– Real-Time Date (Day-Month-Year-Day of Week)
and Time (Hours-Minutes-Seconds) Information
Complies With MMC4.3, SD, SDIO 2.0
Specifications
– Internal 32.768-kHz Oscillator, RTC Logic and
1.1-V Internal LDO
– Up to Three I2C Master and Slave Interfaces
– Independent Power-on-Reset
Standard Mode (up to 100 kHz)
(RTC_PWRONRSTn) Input
Fast Mode (up to 400 kHz)
– Dedicated Input Pin (EXT_WAKEUP) for
– Up to Four Banks of General-Purpose I/O
External Wake Events
(GPIO) Pins
– Programmable Alarm Can be Used to Generate
32 GPIO Pins per Bank (Multiplexed With
Internal Interrupts to the PRCM (for Wakeup) or
Other Functional Pins)
Cortex-A8 (for Event Notification)
GPIO Pins Can be Used as Interrupt Inputs
– Programmable Alarm Can be Used With
(up to Two Interrupt Inputs per Bank)
External Output (PMIC_POWER_EN) to Enable
– Up to Three External DMA Event Inputs that can
the Power Management IC to Restore Non-RTC
Also be Used as Interrupt Inputs
Power Domains
– Eight 32-Bit General-Purpose Timers
• Peripherals
DMTIMER1 is a 1-ms Timer Used for
– Up to Two USB 2.0 High-Speed OTG Ports
Operating System (OS) Ticks
With Integrated PHY
DMTIMER4–DMTIMER7 are Pinned Out
– Up to Two Industrial Gigabit Ethernet MACs (10,
– One Watchdog Timer
100, 1000 Mbps)
– SGX530 3D Graphics Engine
Integrated Switch
Tile-Based Architecture Delivering up to 20
Each MAC Supports MII, RMII, RGMII, and
Million Polygons per Second
MDIO Interfaces
Universal Scalable Shader Engine (USSE) is
Ethernet MACs and Switch Can Operate
a Multithreaded Engine Incorporating Pixel
Independent of Other Functions
and Vertex Shader Functionality
IEEE 1588v2 Precision Time Protocol (PTP)
Advanced Shader Feature Set in Excess of
– Up to Two Controller-Area Network (CAN) Ports
Microsoft VS3.0, PS3.0, and OGL2.0
Supports CAN Version 2 Parts A and B
Industry Standard API Support of Direct3D
– Up to Two Multichannel Audio Serial Ports
Mobile, OGL-ES 1.1 and 2.0, OpenVG 1.0,
(McASPs)
and OpenMax
Transmit and Receive Clocks up to 50 MHz
Fine-Grained Task Switching, Load
Up to Four Serial Data Pins per McASP Port
Balancing, and Power Management
With Independent TX and RX Clocks
Advanced Geometry DMA-Driven Operation
Supports Time Division Multiplexing (TDM),
for Minimum CPU Interaction
Inter-IC Sound (I2S), and Similar Formats
Programmable High-Quality Image Anti-
Supports Digital Audio Interface
Aliasing
2
Device Overview
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352


Número de pieza similar - AM3359_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_12 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359_1211 TI1-AM3359_1211 Datasheet
2Mb / 222P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
More results

Descripción similar - AM3359_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com