Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM5728 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza AM5728
Descripción Electrónicos  AM572x SitaraTM Processors
Download  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM5728_15 Datasheet HTML 2Page - Texas Instruments AM5728_15 Datasheet HTML 3Page - Texas Instruments AM5728_15 Datasheet HTML 4Page - Texas Instruments AM5728_15 Datasheet HTML 5Page - Texas Instruments AM5728_15 Datasheet HTML 6Page - Texas Instruments AM5728_15 Datasheet HTML 7Page - Texas Instruments AM5728_15 Datasheet HTML 8Page - Texas Instruments AM5728_15 Datasheet HTML 9Page - Texas Instruments AM5728_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 415 page
background image
AM5728, AM5726
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
www.ti.com
3
Device Comparison
3.1
Device Comparison Table
Table 3-1 shows a comparison between devices, highlighting the differences.
Table 3-1. Device Comparison
Features
Device
AM5728
AM5726
Processors/ Accelerators
Speed Grades
See Table 5-5
ARM Dual Cortex-A15 Microprocessor Subsystem (MPU)
MPU core 0
Yes
Yes
MPU core 1
Yes
Yes
C66x VLIW DSP
DSP1
Yes
Yes
DSP2
Yes
Yes
BitBLT 2D Hardware Acceleration Engine (BB2D)
BB2D
Yes
No
Display Subsystem
VOUT1
Yes
No
VOUT2
Yes
No
VOUT3
Yes
No
HDMI
Yes
No
Embedded Vision Engine (EVE)
EVE1
No
No
EVE2
No
No
ARM Dual Cortex-M4 Image Processing Unit (IPU)
IPU1
Yes
Yes
IPU2 (2)
Yes
Yes
Image Video Accelarator (IVA)
IVA
Yes
No
SGX544 Dual-Core 3D Graphics Processing Unit (GPU)
GPU
Yes
No
Video Input Port (VIP)
VIP1
vin1a
Yes
Yes
vin1b
Yes
Yes
vin2a
Yes
Yes
vin2b
Yes
Yes
VIP2
vin3a
Yes
Yes
vin3b
Yes
Yes
vin4a
Yes
Yes
vin4b
Yes
Yes
VIP3
vin5a
Yes
Yes
vin6a
Yes
Yes
Video Processing Engine (VPE)
VPE
Yes
Yes
Program/Data Storage
On-Chip Shared Memory (RAM)
OCMC_RAM
2.5MB
2.5MB
General-Purpose Memory Controller (GPMC)
GPMC
Yes
Yes
DDR3 Memory Controller (1)
EMIF1
up to 2GB (with
up to 2GB (with
optional SECDED)
optional SECDED)
EMIF2
up to 2GB
up to 2GB
Dynamic Memory Manager (DMM)
DMM
Yes
Yes
Radio Support
Audio Tracking Logic (ATL)
ATL
No
No
Viterbi Coprocessor (VCP)
VCP1
No
No
VCP2
No
No
Peripherals
Dual Controller Area Network Interface (DCAN)
DCAN1
Yes
Yes
DCAN2
Yes
Yes
6
Device Comparison
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726


Número de pieza similar - AM5728_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM5728BABCX TI1-AM5728BABCX Datasheet
4Mb / 415P
[Old version datasheet]   AM572x Sitara??Processors
AM5728BABCX TI1-AM5728BABCX Datasheet
4Mb / 415P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5728BABCXA TI1-AM5728BABCXA Datasheet
4Mb / 415P
[Old version datasheet]   AM572x Sitara??Processors
AM5728BABCXA TI1-AM5728BABCXA Datasheet
4Mb / 415P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5728BABCXEA TI1-AM5728BABCXEA Datasheet
4Mb / 415P
[Old version datasheet]   AM572x Sitara??Processors
More results

Descripción similar - AM5728_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM5716 TI-AM5716_15 Datasheet
2Mb / 389P
[Old version datasheet]   AM571x SitaraTM Processors
AM5728 TI1-AM5728 Datasheet
4Mb / 415P
[Old version datasheet]   AM572x Sitara??Processors
logo
NXP Semiconductors
PNX1300 PHILIPS-PNX1300 Datasheet
5Mb / 548P
   Media Processors
2002 Feb 15
logo
Freescale Semiconductor...
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
   Communications Processors
logo
Micronas
TPU3035 MICRONAS-TPU3035 Datasheet
1Mb / 73P
   Teletext Processors
logo
Texas Instruments
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
logo
Maxim Integrated Produc...
71M6545 MAXIM-71M6545_V01 Datasheet
2Mb / 133P
   Metrology Processors
2013
logo
Texas Instruments
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
OMAP3515 TI1-OMAP3515_17 Datasheet
2Mb / 263P
[Old version datasheet]   Applications Processors
OMAP3530 TI1-OMAP3530_17 Datasheet
2Mb / 265P
[Old version datasheet]   Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com