Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL1431V Datasheet(PDF) 1 Page - Texas Instruments |
|
TL1431V Datasheet(HTML) 1 Page - Texas Instruments |
1 / 5 page TL1431-DIE www.ti.com SLVSC17 – JUNE 2013 RAD-TOLERANT SPACE GRADE DIE, PRECISION PROGRAMMABLE REFERENCE Check for Samples: TL1431-DIE 1 FEATURES • QMLV Qualified to 100k Rad RHA, • Fast Turnon…500 ns SMD 5962R99620 • Sink Current Capability • Initial Voltage Tolerance • Low Reference Current (REF) • 0.2- Ω Typical Output Impedance • Adjustable Output Voltage DESCRIPTION The TL1431-DIE is a precision programmable reference. This device has a typical output impedance of 0.2 Ω. Active output circuitry provides a very sharp turnon characteristic, making the device an excellent replacement for Zener diodes and other types of references in applications such as onboard regulation, adjustable power supplies, and switching power supplies. ORDERING INFORMATION(1) PACKAGE PRODUCT PACKAGE ORDERABLE PART NUMBER PACKAGE QUANTITY DESIGNATOR TL1431VTDB1 100 TL1431V TD Bare die in waffle pack(2) TL1431VTDB2 10 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Processing is per the Texas Instruments space production baseline and is in compliance with the Texas Instruments Quality Control System in effect at the time of manufacture. Electrical screening consists of DC parametric and functional testing at room temperature only. Unless otherwise specified by Texas Instruments AC performance and performance over temperature is not warranted. Visual Inspection is performed in accordance with MIL-STD-883 Test Method 2010 Condition B at 75X minimum. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Número de pieza similar - TL1431V |
|
Descripción similar - TL1431V |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |