Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL55016IRTZ-T7 Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL55016IRTZ-T7
Descripción Electrónicos  MMIC Silicon Bipolar Differential Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55016IRTZ-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL55016IRTZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN6526.1
June 24, 2008
Typical Performance (II)
50
Ω Environment, ZRSC = 50Ω, ZLOAD Port 2 = 50Ω, ZLOAD Port 3 = 50Ω; Measured on Probe Station.
FIGURE 7. |S21| vs FREQUENCY
FIGURE 8. |S31| vs FREQUENCY
FIGURE 9. |S11| vs FREQUENCY
FIGURE 10. SMITH CHART OF S11
FIGURE 11. |S22| vs FREQUENCY
FIGURE 12. SMITH CHART OF S22
10
11
12
13
14
15
0
0.5G
1.0G
1.5G
2.5G
3.0G
FREQUENCY (Hz)
2.0G
10
11
12
13
14
15
0
0.5G
1.0G
1.5G
2.0G
2.5G
3.0G
FREQUENCY (Hz)
-14
-12
-10
-8
-6
-4
-2
0
0
0.5G1.0G1.5G
2.0G2.5G3.0G
FREQUENCY (Hz)
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
0.5G1.0G1.5G2.0G2.5G
3.0G
FREQUENCY (Hz)
ISL55016


Número de pieza similar - ISL55016IRTZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55016IRTZ-T7 INTERSIL-ISL55016IRTZ-T7 Datasheet
410Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
logo
Renesas Technology Corp
ISL55016IRTZ-T7 RENESAS-ISL55016IRTZ-T7 Datasheet
707Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
More results

Descripción similar - ISL55016IRTZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55016 INTERSIL-ISL55016 Datasheet
410Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
logo
Renesas Technology Corp
ISL55016 RENESAS-ISL55016 Datasheet
707Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
logo
Agilent(Hewlett-Packard...
IVA-05228 HP-IVA-05228 Datasheet
63Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option
MSA-0200 HP-MSA-0200 Datasheet
55Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0500 HP-MSA-0500 Datasheet
66Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0685 HP-MSA-0685 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0770 HP-MSA-0770 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA2111 HP-MSA2111 Datasheet
40Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0404 HP-MSA-0404 Datasheet
74Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0800 HP-MSA-0800 Datasheet
77Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com