Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL24202IRTZ-EVALZ Datasheet(PDF) 4 Page - Intersil Corporation |
|
ISL24202IRTZ-EVALZ Datasheet(HTML) 4 Page - Intersil Corporation |
4 / 12 page ISL24202 4 FN7587.0 March 15, 2011 Absolute Maximum Ratings Thermal Information Supply Voltage AVDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4V Input Voltage with respect to Ground SET, CTL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AVDD+0.3V CE and WP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDD+0.3V Output Voltage with respect to Ground OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AVDD Continuous Output Current OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA ESD Ratings Human Body Model (Tested per JESD22-A114) . . . . . . . . . . . . . . . . . 7kV Machine Model (Tested per JESD22-A115). . . . . . . . . . . . . . . . . . . . 300V Charged Device Model (Tested per JESD22-C101). . . . . . . . . . . . . . . 2kV Latch Up (Tested per JESD 78, Class II, Level A). . . . . . . . . . . . . . . . 100mA Thermal Resistance (Typical) θJA (°C/W) θJC (°C/W) 8 Ld TDFN Package (Notes 4, 5). . . . . . . . . 53 11 Moisture Sensitivity (see Technical Brief TB363) All Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1 Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp Recommended Operating Conditions Operating Range AVDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 19V VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.25V to 3.6V Ambient Operating Temperature . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech Brief TB379. 5. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside. Electrical Specifications Test Conditions: VDD = 3.3V, AVDD = 18V, RSET = 5kΩ, R1 = 10kΩ, R2 = 10kΩ, (See Figure 5). Typicals are at TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +85°C. SYMBOL PARAMETER TEST CONDITIONS MIN (Note 6) TYP MAX (Note 6) UNITS DC CHARACTERISTICS VDD VDD Supply Range - Operating 2.25 3.6 V AVDD AVDD Supply Range Supporting EEPROM Programming 10.8 19 V AVDD AVDD Supply Range for Wide-Supply Operation without EEPROM Programming 4.5 19 V IDD VDD Supply Current CTL = 0.5*VDD 40 65 µA IAVDD AVDD Supply Current CTL = 0.5*VDD 24 38 µA OUT PIN CHARACTERISTICS SETZSE SET Zero-Scale Error ±3LSB SETFSE SET Full-Scale Error ±8LSB VOUT OUT Voltage Range VSET + 1.75 AVDD V SETVD SET Voltage Drift 7µV/°C IOUT Maximum OUT Sink Current 4mA INL Integral Non-Linearity ±2LSB DNL Differential Non-Linearity ±1LSB EEPROM CHARACTERISTICS tPROG EEPROM Programming Time (internal) 100 ms UP/DOWN COUNTER CONTROL INPUTS (SEE FIGURE 11) VIH CE and CTL Input Logic High Threshold 0.7*VDD V VIL CE and CTL Input Logic Low Threshold 0.3*VDD V ICS_PD CE Input Pull Down Current Sink 0.5 1.5 µA ICTL CTL Input Bias Current CTL = GND (sourcing) 7 15 µA CTL = VDD (sinking) 7 15 µA tST CE to CTL Start Delay 50 µs tREAD EEPROM Recall Time (after CE de-asserted) 10 ms |
Número de pieza similar - ISL24202IRTZ-EVALZ |
|
Descripción similar - ISL24202IRTZ-EVALZ |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |