Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL24212IRTZ Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL24212IRTZ
Descripción Electrónicos  Programmable VCOM Calibrator with EEPROM and Output Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24212IRTZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL24212IRTZ Datasheet HTML 1Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 2Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 3Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 4Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 5Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 6Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 7Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 8Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ISL24212
4
FN7590.0
March 15, 2011
Absolute Maximum Ratings
Thermal Information
Supply Voltage
AVDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4V
Input Voltage with respect to Ground
SET, INN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4V
SCL, SDA and WP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDD+0.3V
Output Voltage with respect to Ground
DVR_OUT, VCOM_OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AVDD
Continuous Output Current
DVR_OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
VCOM_OUT
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±100mA
ESD Ratings
Human Body Model (Tested per JESD22-A114) . . . . . . . . . . . . . . . . . 7kV
Machine Model (Tested per JESD22-A115). . . . . . . . . . . . . . . . . . . . 250V
Charged Device Model (Tested per JESD22-C101). . . . . . . . . . . . . . . 2kV
Latch Up (Tested per JESD 78, Class II, Level A). . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
10 Ld TDFN Package (Notes 4, 5) . . . . . . .
53
11
Moisture Sensitivity (see Technical Brief TB363)
All Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Operating Range
AVDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 19V
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.25V to 3.6V
Ambient Operating Temperature . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Test Conditions: VDD = 3.3V, AVDD = 18V, RSET = 5kΩ, R1 = 10kΩ, R2 = 10kΩ, (See Figure 5), VCOM_OUT pin
connected to INN, unless otherwise specified. Typicals are at TA = +25°C. Boldface limits apply over the operating temperature range,
-40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
DC CHARACTERISTICS
VDD
VDD Supply Range - Operating
2.25
3.6
V
AVDD
AVDD Supply Range Supporting EEPROM Programming
10.8
19
V
AVDD
AVDD Supply Range for Wide-Supply Operation without
EEPROM Programming
4.5
19
V
IDD
VDD Supply Current
CTL = 0.5*VDD
95
300
µA
IAVDD
AVDD Supply Current
CTL = 0.5*VDD
3.8
6.5
mA
DVR_OUT CHARACTERISTICS
SETZSE
SET Zero-Scale Error
±3LSB
SETFSE
SET Full-Scale Error
±8LSB
VDVR_OUT DVR_OUT Voltage Range
VSET + 1.75
AVDD
V
SETVD
SET Voltage Drift
7µV/°C
IDVR_OUT Maximum DVR_OUT Sink Current
4
mA
INL
Integral Non-Linearity
±2LSB
DNL
Differential Non-Linearity
±1LSB
OUTPUT AMPLIFIER CHARACTERISTICS
VOS
Input Offset Voltage
±2
±15
mV
TCVOS
Input Offset Voltage Drift
-6.3
µV/°C
IB
Input Bias Current
±0.01
±1
μA
CMRR
Common-Mode Rejection Ratio
55
75
dB
PSRR
Power Supply Rejection Ratio
60
82
dB
AVOL
Open Loop Gain
55
75
dB
VOL
Output Swing Low
IL = -5mA
50
150
mV


Número de pieza similar - ISL24212IRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL24212IRTZ INTERSIL-ISL24212IRTZ Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Renesas Technology Corp
ISL24212IRTZ RENESAS-ISL24212IRTZ Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24212IRTZ-EVALZ INTERSIL-ISL24212IRTZ-EVALZ Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Renesas Technology Corp
ISL24212IRTZ-EVALZ RENESAS-ISL24212IRTZ-EVALZ Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results

Descripción similar - ISL24212IRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Renesas Technology Corp
ISL24211 RENESAS-ISL24211 Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com