Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28130CHZ-T7 Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL28130CHZ-T7
Descripción Electrónicos  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28130CHZ-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28130CHZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28130CHZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28130CHZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28130CHZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28130CHZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28130CHZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28130CHZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28130CHZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28130CHZ-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ISL28130, ISL28230, ISL28430
9
FN7623.7
February 13, 2014
FIGURE 15. GAIN vs FREQUENCY vs CL
FIGURE 16. LARGE SIGNAL STEP RESPONSE (4V)
FIGURE 17. LARGE SIGNAL STEP RESPONSE (1V)
FIGURE 18. SMALL SIGNAL STEP RESPONSE (100mV)
FIGURE 19. VOH vs TEMPERATURE
FIGURE 20. VOL vs TEMPERATURE
Typical Performance Curves V+ = 5V, V- = 0V, V
CM = 2.5V, RL = Open, T = +25°C, unless otherwise specified.
-10
-8
-6
-4
-2
0
2
4
6
8
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
CL = 824pF
CL = 224pF
CL = 474pF
CL = 51pF
CL = 3.7pF
CL = 104pF
VS = ±2.5V
RL = 100k
AV = +1
VOUT = 10mVP-P
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
400
TIME (µs)
RL = 100k
AV = 1
VOUT = 4VP-P
CL = 3.7pF
0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
203040
50
607080
90
100
TIME (µs)
RL = 100k
AV = 1
VOUT = 1VP-P
CL = 3.7pF
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0
5
10
15
20
25
30
35
40
TIME (µs)
RL = 100k
AV = 1
VOUT = 100mVP-P
CL = 3.7pF
TEMPERATURE (°C)
4.975
4.980
4.985
4.990
4.995
5.000
-50
-25
0
255075
100
125
VS = 5V
RL = 10kΩ
15
20
25
30
35
40
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = 5V
RL = 10kΩ


Número de pieza similar - ISL28130CHZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130CHZ-T7 RENESAS-ISL28130CHZ-T7 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28130CHZ-T7A INTERSIL-ISL28130CHZ-T7A Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7A INTERSIL-ISL28130CHZ-T7A Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results

Descripción similar - ISL28130CHZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com