Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28233FRZ Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL28233FRZ
Descripción Electrónicos  Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28233FRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL28233FRZ Datasheet HTML 2Page - Intersil Corporation ISL28233FRZ Datasheet HTML 3Page - Intersil Corporation ISL28233FRZ Datasheet HTML 4Page - Intersil Corporation ISL28233FRZ Datasheet HTML 5Page - Intersil Corporation ISL28233FRZ Datasheet HTML 6Page - Intersil Corporation ISL28233FRZ Datasheet HTML 7Page - Intersil Corporation ISL28233FRZ Datasheet HTML 8Page - Intersil Corporation ISL28233FRZ Datasheet HTML 9Page - Intersil Corporation ISL28233FRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ISL28233, ISL28433
6
FN7692.3
July 26, 2011
ISC+
Output Source Short Circuit Current
RL = Short to V-
13
17
26
mA
ISC-
Output Sink Short Circuit Current
RL = Short to V+
-26
-19
-13
mA
AC SPECIFICATIONS
GBWP
Gain Bandwidth Product
AV = 100, RF = 100kΩ, RG =1kΩ,
RL = 10kΩ to VCM
-
400
-
kHz
eN VP-P
Peak-to-Peak Input Noise Voltage
f = 0.01Hz to 10Hz
-
1.0
-
µVP-P
eN
Input Noise Voltage Density
f = 1kHz
-
65
-
nV/
(Hz)
iN
Input Noise Current Density
f = 1kHz
-
72
-
fA/
(Hz)
f = 10Hz
-
79
-
fA/
(Hz)
Cin
Differential Input Capacitance
f = 1MHz
-
1.6
-
pF
Common Mode Input Capacitance
-
1.12
-
pF
TRANSIENT RESPONSE
SR
Positive Slew Rate
VOUT = 1V to 4V, RL = 10kΩ
-0.2
-
V/µs
Negative Slew Rate
-0.1
-
V/µs
tr, tf, Small Signal Rise Time, tr 10% to 90%
AV = +1, VOUT = 0.1VP-P, RF = 0Ω,
RL = 10kΩ, CL =1.2pF
-1.1
-
µs
Fall Time, tf 10% to 90%
-
1.1
-
µs
tr, tf Large Signal Rise Time, tr 10% to 90%
AV = +1, VOUT = 2VP-P, RF =0Ω,
RL = 10kΩ, CL =1.2pF
-20
-
µs
Fall Time, tf 10% to 90%
-
30
-
µs
ts
Settling Time to 0.1%, 2VP-P Step
AV = +1, RF = 0Ω, RL =10kΩ, CL = 1.2pF
-35
-
µs
trecover
Output Overload Recovery Time, Recovery to 90%
of output saturation
AV = +2, RF = 10kΩ, RL =Open, CL = 3.7pF
-
10.5
-
µs
NOTE:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications V+ = 5V, V- = 0V, VCM = 2.5V, TA = +25°C, RL = 10kΩ, unless otherwise specified. Boldface limits apply over
the operating temperature range,-40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8) TYP
MAX
(Note 8)
UNIT


Número de pieza similar - ISL28233FRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28233FRZ INTERSIL-ISL28233FRZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FRZ INTERSIL-ISL28233FRZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233FRZ RENESAS-ISL28233FRZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results

Descripción similar - ISL28233FRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233_1012 INTERSIL-ISL28233_1012 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233 RENESAS-ISL28233 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_11 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28133 INTERSIL-ISL28133_11 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com