Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28236FUZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL28236FUZ-T7
Descripción Electrónicos  5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28236FUZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28236FUZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO)
Op Amps
ISL28236
The ISL28236 is a low-power dual operational amplifier
optimized for single supply operation from 2.4V to 5.5V,
allowing operation from one lithium cell or two Ni-Cd batteries.
The device features a gain-bandwidth product of 5MHz.
The ISL28236 features an Input Range Enhancement Circuit
(IREC), which enables the amplifier to maintain CMRR
performance for input voltages greater than the positive
supply. The input signal is capable of swinging 0.25V above the
positive supply and to the negative supply with only a slight
degradation of the CMRR performance. The output operation
is rail-to-rail.
The part typically draws less than 1mA supply current per
amplifier while meeting excellent DC accuracy, AC
performance, noise and output drive specifications. The
ISL28236 is available in the 8 Ld SOIC and the 8 Ld MSOP.
Operation is guaranteed over the -40°C to +125°C
temperature range.
Features
• 5MHz gain bandwidth product at AV = 100
• 2mA typical supply current
• 240µV maximum offset voltage (SOIC package)
• 6nA typical input bias current (SOIC package)
• Down to 2.4V single supply voltage range
• Rail-to-rail input and output
• -40°C to +125°C operation
• Pb-Free (RoHS compliant)
Applications
•Low-end audio
• 4mA to 20mA current loops
•Medical devices
•Sensor amplifiers
•ADC Buffers
• DAC output amplifiers
Related Literature
• AN1420, “ISL282x6EVAL1Z Evaluation Board User’s Guide”
Ordering Information
PART
NUMBER
(Notes 2, 3)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28236FBZ
28236 FBZ
8 Ld SOIC
M8.15E
ISL28236FBZ-T7
(Note 1)
28236 FBZ
8 Ld SOIC
M8.15E
ISL28236FBZ-T7A
(Note 1)
28236 FBZ
8 Ld SOIC
M8.15E
ISL28236FUZ
8236Z
8 Ld MSOP
M8.118A
ISL28236FUZ-T7
(Note 1)
8236Z
8 Ld MSOP
M8.118A
ISL28236FUZ-T7A
(Note 1)
8236Z
8 Ld MSOP
M8.118A
ISL28236SOICEVAL1Z Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials,
and 100% matte tin plate plus anneal (e3 termination finish, which
is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see product
information page for ISL28236. For more information on MSL,
please see tech brief TB363.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2009, 2014. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
July 24, 2014
FN6921.2


Número de pieza similar - ISL28236FUZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28236FUZ-T7 INTERSIL-ISL28236FUZ-T7 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28236FUZ-T7 RENESAS-ISL28236FUZ-T7 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28236FUZ-T7A RENESAS-ISL28236FUZ-T7A Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
More results

Descripción similar - ISL28236FUZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com