Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54065IRUZ-T Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL54065IRUZ-T
Descripción Electrónicos  Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54065IRUZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54065IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54065IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54065IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54065IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54065IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54065IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54065IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54065IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54065IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN6583.2
ISL54065
Negative Signal Swing, Sub-ohm, Dual
SPDT with Click and Pop Elimination
Single Supply Switch with Enable Pin
The Intersil ISL54065 device is a low ON-resistance, low
voltage, bi-directional, dual single-pole/double-throw (SPDT)
analog switch. It is designed to operate from a single +1.8V to
+6.5V supply and pass signals that swing down to 6.5V below
the positive supply rail. Targeted applications include battery
powered equipment that benefit from low rON (0.56Ω), low
power consumption (8nA) and fast switching speeds
(tON = 55ns, tOFF = 18ns). The digital inputs are 1.8V
logic-compatible up to a +3V supply. The ISL54065 also
features integrated circuitry to eliminate click and pop noise to
an audio speaker.
The ISL54065 is offered in a small form factor package,
alleviating board space limitations. It is available in a tiny
12 Ld 2.2x1.4mm µTQFN.
The ISL54065 is a committed dual single-pole/double-throw
(SPDT) that consist of two normally open (NO) and two
normally closed (NC) switches with independent logic control.
This configuration can be used as a dual 2-to-1 multiplexer.
Features
• Pb-Free (RoHS Compliant)
• Single Supply Operation . . . . . . . . . . . . . . . . .+1.8V to +6.5V
• Negative Signal Swing (Max 6.5V Below V+)
• Enable Pin to Disable All Switches
• Integrated Click and Pop Elimination Circuitry
• Click and Pop Circuitry Disable Pin
• ON-Resistance (rON)
- V+ = +4.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.52
Ω
- V+ = +4.3V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.65
Ω
- V+ = +2.7V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.9
Ω
- V+ = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8
Ω
•rON Matching Between Channels . . . . . . . . . . . . . . . . . 10mΩ
•rON Flatness Across Signal Range . . . . . . . . . . . . . . . . 0.33Ω
• Low THD+N @ 32
Ω Load . . . . . . . . . . . . . . . . . . . . . . .0.02%
• Low Power Consumption @ 3V (PD). . . . . . . . . . . . 24nW
• Fast Switching Action (V+ = +4.3V)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23ns
• ESD HBM Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>6kV
• Guaranteed Break-Before-Make
• 1.8V Logic Compatible (+3V supply)
• Low I+ Current when VINH is not at the V+ Rail
• Available in 12 Ld 2.2mm x 1.4mm µTQFN Package
Applications
• Audio and Video Switching
• Battery powered, Handheld, and Portable Equipment
- MP3 and Multimedia Players
- Cellular/mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
TABLE 1. FEATURES AT A GLANCE
ISL54065
Number of Switches
2
SW
SPDT or 2-1 MUX
4.3V rON
0.65
Ω
4.3V tON/tOFF
43ns/23ns
2.7V rON
0.9
Ω
2.7V tON/tOFF
55ns/18ns
1.8V rON
1.8
Ω
1.8V tON/tOFF
145ns/28ns
Packages
12 Ld µTQFN
VCOM (V)
0
12
3
4
5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-1
-2
-3
-4
-5
-6
ICOM = 100mA
V+ = 1.8V
V+ = 2.7V
V+ = 4.5V
ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
Data Sheet
November 3, 2009
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Número de pieza similar - ISL54065IRUZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54065IRUZ-T INTERSIL-ISL54065IRUZ-T Datasheet
717Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT
ISL54065IRUZ-T INTERSIL-ISL54065IRUZ-T Datasheet
706Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54065IRUZ-T INTERSIL-ISL54065IRUZ-T Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
logo
Renesas Technology Corp
ISL54065IRUZ-T RENESAS-ISL54065IRUZ-T Datasheet
983Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
More results

Descripción similar - ISL54065IRUZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54065 RENESAS-ISL54065 Datasheet
983Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
logo
Intersil Corporation
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54062 RENESAS-ISL54062 Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54063 RENESAS-ISL54063 Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54065 INTERSIL-ISL54065 Datasheet
706Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com