Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK653R3-30C Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BUK653R3-30C
Descripción Electrónicos  N-channel TrenchMOS intermediate level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK653R3-30C Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK653R3-30C_15 Datasheet HTML 2Page - NXP Semiconductors BUK653R3-30C_15 Datasheet HTML 3Page - NXP Semiconductors BUK653R3-30C_15 Datasheet HTML 4Page - NXP Semiconductors BUK653R3-30C_15 Datasheet HTML 5Page - NXP Semiconductors BUK653R3-30C_15 Datasheet HTML 6Page - NXP Semiconductors BUK653R3-30C_15 Datasheet HTML 7Page - NXP Semiconductors BUK653R3-30C_15 Datasheet HTML 8Page - NXP Semiconductors BUK653R3-30C_15 Datasheet HTML 9Page - NXP Semiconductors BUK653R3-30C_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BUK653R3-30C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 13 July 2011
6 of 14
NXP Semiconductors
BUK653R3-30C
N-channel TrenchMOS intermediate level FET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =250 µA; VGS =0V; Tj = 25 °C
30
--V
ID =250 µA; VGS =0V; Tj = -55 °C
27
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS =VGS; Tj =25°C;
see Figure 9; see Figure 10
1.8
2.3
2.8
V
ID =1mA; VDS =VGS; Tj =-55 °C;
see Figure 10
--3.3
V
ID =2.5 mA; VDS =VGS; Tj = 175 °C;
see Figure 10
0.8
--V
IDSS
drain leakage current
VDS =30V; VGS =0V; Tj = 25 °C
-
0.02
1
µA
VDS =30V; VGS =0V; Tj = 175 °C
-
-
500
µA
IGSS
gate leakage current
VGS =20V; VDS =0V; Tj = 25 °C
-
2
100
nA
VGS =-20 V; VDS =0V; Tj = 25 °C
-
2
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =25A; Tj =25°C;
see Figure 11; see Figure 12
-
2.72
3.3
m
VGS =4.5 V; ID =25A; Tj =25°C;
see Figure 11; see Figure 12
-3.9
5.3
m
VGS =5V; ID =25A; Tj =25 °C;
see Figure 11
-
3.45
4.4
m
VGS =10V; ID =25A; Tj = 175 °C;
see Figure 11
-
5.75
6.3
m
Dynamic characteristics
QG(tot)
total gate charge
ID =25A; VDS =24V; VGS =10V;
see Figure 13; see Figure 14
-114
-nC
ID =25A; VDS =24V; VGS =5V;
see Figure 13; see Figure 14
-66
-nC
QGS
gate-source charge
ID =25A; VDS =24V; VGS =10V;
see Figure 13; see Figure 14
-18
-nC
QGD
gate-drain charge
-
33.3
-
nC
Ciss
input capacitance
VGS =0V; VDS =25V; f=1MHz;
Tj =25°C; see Figure 15
-
5216
6960
pF
Coss
output capacitance
-
896
1100
pF
Crss
reverse transfer
capacitance
-
537
740
pF
td(on)
turn-on delay time
VDS =25V; RL =1 Ω; VGS =10V;
RG(ext) =10 Ω
-22
-ns
tr
rise time
-
59
-
ns
td(off)
turn-off delay time
-
209
-
ns
tf
fall time
-113
-ns
LD
internal drain
inductance
from drain lead 6 mm from package to
centre of die; Tj =25°C
-4.5
-nH
LS
internal source
inductance
from source lead to source bond pad;
Tj =25°C
-7.5
-nH


Número de pieza similar - BUK653R3-30C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK653R3-30C NEXPERIA-BUK653R3-30C Datasheet
467Kb / 15P
   N-channel TrenchMOS intermediate level FET
More results

Descripción similar - BUK653R3-30C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK6218-40C NXP-BUK6218-40C Datasheet
391Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 1-4 October 2010
BUK662R5-30C PHILIPS-BUK662R5-30C_15 Datasheet
380Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-14 October 2010
BUK6E3R4-40C PHILIPS-BUK6E3R4-40C_15 Datasheet
376Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-14 October 2010
BUK6217-55C PHILIPS-BUK6217-55C_15 Datasheet
195Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-9 July 2012
BUK664R4-55C PHILIPS-BUK664R4-55C_15 Datasheet
225Kb / 16P
   N-channel TrenchMOS intermediate level FET
Rev. 03-21 December 2010
logo
Nexperia B.V. All right...
BUK652R7-30C NEXPERIA-BUK652R7-30C Datasheet
495Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK652R1-30C NEXPERIA-BUK652R1-30C Datasheet
512Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK661R8-30C NEXPERIA-BUK661R8-30C Datasheet
756Kb / 14P
   N-channel TrenchMOS intermediate level FET
BUK653R5-55C NEXPERIA-BUK653R5-55C Datasheet
490Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 1 - 27 October 2010
logo
NXP Semiconductors
BUK6213-30A PHILIPS-BUK6213-30A_15 Datasheet
304Kb / 10P
   N-channel TrenchMOS intermediate level FET
Rev. 03-2 February 2011
BUK6210-55C PHILIPS-BUK6210-55C_15 Datasheet
383Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-4 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com