Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UA8316G-G07-T Datasheet(PDF) 5 Page - Unisonic Technologies

No. de pieza UA8316G-G07-T
Descripción Electrónicos  IGBT GATE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA8316G-G07-T Datasheet(HTML) 5 Page - Unisonic Technologies

  UA8316G-G07-T Datasheet HTML 1Page - Unisonic Technologies UA8316G-G07-T Datasheet HTML 2Page - Unisonic Technologies UA8316G-G07-T Datasheet HTML 3Page - Unisonic Technologies UA8316G-G07-T Datasheet HTML 4Page - Unisonic Technologies UA8316G-G07-T Datasheet HTML 5Page - Unisonic Technologies UA8316G-G07-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UA8316
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R122-010.a
AC CHARACTERISTICS TEST CONDITIONS
A. Propagation delay time 1 (tPLL)
Time from input of “L” level to GATEIN pin until output reaches 1V
Input
Output
50%
1V
tPLL
B. Propagation delay time 2 (tPHH)
Time from input of “H” level to GATEIN pin until output starts to rise
C. Output fall time (tF)
Output fall time from 90% to 10%
TEST CIRCUIT


Número de pieza similar - UA8316G-G07-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UA8316G-G07-T UTC-UA8316G-G07-T Datasheet
171Kb / 6P
   IGBT GATE DRIVER
More results

Descripción similar - UA8316G-G07-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
OM9404SM IRF-OM9404SM Datasheet
32Kb / 3P
   IGBT GATE DRIVER
logo
IXYS Corporation
IX6611 IXYS-IX6611 Datasheet
1Mb / 15P
   IGBT Gate Driver
logo
Toshiba Semiconductor
TA8316AS TOSHIBA-TA8316AS Datasheet
213Kb / 6P
   IGBT GATE DRIVER
logo
Unisonic Technologies
UA8316 UTC-UA8316 Datasheet
171Kb / 6P
   IGBT GATE DRIVER
logo
Isahaya Electronics Cor...
RT8H255C ISAHAYA-RT8H255C Datasheet
211Kb / 5P
   IGBT Gate Driver
logo
Fairchild Semiconductor
FAN8800 FAIRCHILD-FAN8800 Datasheet
101Kb / 16P
   Single IGBT Gate Driver
logo
IK Semicon Co., Ltd
IL33153 IKSEMICON-IL33153 Datasheet
356Kb / 14P
   Single IGBT Gate Driver
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_06 Datasheet
131Kb / 13P
   Single IGBT Gate Driver
July, 2006 ??Rev. 5
logo
List of Unclassifed Man...
OM9401SF ETC1-OM9401SF Datasheet
35Kb / 3P
   HERMETIC IGBT GATE DRIVER
logo
KODENSHI_AUK CORP.
KK33153 KODENSHI-KK33153 Datasheet
110Kb / 4P
   SINGLE IGBT GATE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com