Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL55100BIRZ Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza ISL55100BIRZ
Descripción Electrónicos  Quad 18V Pin Electronics Driver/Window Comparator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55100BIRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL55100BIRZ Datasheet HTML 6Page - Intersil Corporation ISL55100BIRZ Datasheet HTML 7Page - Intersil Corporation ISL55100BIRZ Datasheet HTML 8Page - Intersil Corporation ISL55100BIRZ Datasheet HTML 9Page - Intersil Corporation ISL55100BIRZ Datasheet HTML 10Page - Intersil Corporation ISL55100BIRZ Datasheet HTML 11Page - Intersil Corporation ISL55100BIRZ Datasheet HTML 12Page - Intersil Corporation ISL55100BIRZ Datasheet HTML 13Page - Intersil Corporation ISL55100BIRZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ISL55100B
11
FN6229.2
December 4, 2014
Submit Document Feedback
Typical Performance Curves Device installed on Intersil ISL55100B Evaluation Board.
FIGURE 7. LOWSWING EFFECTS ON DRIVER SHAPE AND TPD
(100pF TO 1k LOAD)
FIGURE 8. DRIVER WAVEFORMS UNDER VARIOUS LOADS
FIGURE 9. DATA/HIZ/DRIVER OUT TIMING
FIGURE 10. ROUT vs DEVICE VOLTAGE
FIGURE 11. ROUT vs VH RAIL
FIGURE 12. PROPAGATION DELAY vs VH RAIL, VARIOUS LOADS
0
0
10ns/DIV
VCC 12.0 DH 6.0
VEE 3.0 DL 0.0
LOWSWING OFF
LOWSWING ON
0
0
10ns/DIV
2200pF
1000pF
680pF
1k100pF
DATA IN
VCC 12.0 DH 6.0
VEE 3.0 DL 0.0
TRISTATE/DATA/DOUT TIMING
0
0
20ns/DIV
DRVEN
DATA IN
DRIVER OUT
0
10
5
0
12
13
14
15
16
17
18
VCC-VEE VOLTS (VEE -3.0 FIXED)
VH (6V) ROUT: DRIVER SOURCES 125mA
VL (0.0V) ROUT: DRIVER SINKS 125mA
8.0
7.2
6.4
5.6
4.8
4.0
3.2
2.4
1.6
0.8
0.0
123
456
789
10 11 12 13 14 15
VH VOLTS (VL = 0.0)
VH (1V TO 15V) ROUT: DRIVER SOURCES 125mA
VL (0.0V FIXED) ROUT: DRIVER SINKS 125mA
20
18
16
14
12
10
8
6
4
2
0
1
234
56
78
9
10 11 12 13 14
VH VOLTS (VL = 0.0)
2200pF
1000pF
680pF
1k 100pF


Número de pieza similar - ISL55100BIRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
462Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Renesas Technology Corp
ISL55100BIRZ RENESAS-ISL55100BIRZ Datasheet
853Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
More results

Descripción similar - ISL55100BIRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL5100A INTERSIL-ISL5100A Datasheet
520Kb / 13P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B INTERSIL-ISL55100B Datasheet
462Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Semtech Corporation
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
EDGE818 SEMTECH-EDGE818 Datasheet
126Kb / 15P
   Octal 18V Pin Electronics Driver/window Comparator
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
E646ATF SEMTECH-E646ATF Datasheet
135Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com