Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL55142IRZ Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL55142IRZ
Descripción Electrónicos  High-Speed 18V CMOS Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55142IRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL55142IRZ Datasheet HTML 4Page - Intersil Corporation ISL55142IRZ Datasheet HTML 5Page - Intersil Corporation ISL55142IRZ Datasheet HTML 6Page - Intersil Corporation ISL55142IRZ Datasheet HTML 7Page - Intersil Corporation ISL55142IRZ Datasheet HTML 8Page - Intersil Corporation ISL55142IRZ Datasheet HTML 9Page - Intersil Corporation ISL55142IRZ Datasheet HTML 10Page - Intersil Corporation ISL55142IRZ Datasheet HTML 11Page - Intersil Corporation ISL55142IRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN6230.4
August 13, 2015
Typical Performance Curves Device installed on Intersil ISL55141, ISL55142, ISL55143 Evaluation Boards.
FIGURE 6. ISL55141, ISL55142, ISL55143 QUIESCENT
CURRENT
FIGURE 7. ISL55141 ICC vs FREQUENCY @ 10V, 14V, AND
18V
FIGURE 8. ISL55142 ICC 1 AND 2 CHANNELS ACTIVE
FIGURE 9. ISL55143 ICC 1, 2, 3, 4 CHANNELS ACTIVE
FIGURE 10. ISL55142 2-CHANNEL ICC @ 10V, 14V, AND 18V
FIGURE 11. ISL55143 4-CHANNEL ICC @ 10V, 14V, AND 18V
30.0
27.0
24.0
21.0
18.0
15.0
12.0
09.0
06.0
03.0
00.0
10
12
14
16
18
VCC - VEE VOLTAGE
ISL55143
ISL55142
ISL55141
60
54
48
42
36
30
24
18
12
6
0
3200
1600
800
400
200
100
50
25
VINP SQUARE WAVE PERIOD IN ns
VCC = 10V
VCC = 18V
VCC = 14V
80
72
64
56
48
40
32
24
16
8
0
3200
1600
800
400
200
100
50
25
VINP SQUARE WAVE PERIOD IN ns
2 CHANNELS
1 CHANNEL
200
180
160
140
120
100
80
60
40
20
0
3200
1600
800
400
200
100
50
25
VINP SQUARE WAVE PERIOD IN ns
4 CHANNELS
1 CHANNEL
2 CHANNEL
3 CHANNEL
100
90
80
70
60
50
40
30
20
10
0
3200
1600
800
400
200
100
50
25
VINP SQUARE WAVE PERIOD IN ns
VCC = 10V
VCC = 14V
VCC = 18V
250
225
200
175
150
125
100
75
50
25
0
3200
1600
800
400
200
100
50
25
VINP SQUARE WAVE PERIOD IN ns
VCC = 18V
VCC = 14V
VCC = 10V
ISL55141, ISL55142, ISL55143


Número de pieza similar - ISL55142IRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55142IRZ INTERSIL-ISL55142IRZ Datasheet
370Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55142IRZ INTERSIL-ISL55142IRZ Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
logo
Renesas Technology Corp
ISL55142IRZ RENESAS-ISL55142IRZ Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
More results

Descripción similar - ISL55142IRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141_11 Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55141_0607 INTERSIL-ISL55141_0607 Datasheet
370Kb / 14P
   High-Speed 18V CMOS Comparators
logo
Renesas Technology Corp
ISL55141 RENESAS-ISL55141 Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
   HIGH SPEED DUAL COMPARATORS
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com