Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59830AIAZ-T7 Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza ISL59830AIAZ-T7
Descripción Electrónicos  True Single Supply Video Driver With Power Down
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59830AIAZ-T7 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL59830AIAZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL59830AIAZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL59830AIAZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL59830AIAZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59830AIAZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59830AIAZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59830AIAZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59830AIAZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL59830AIAZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6233.3
September 26, 2006
Absolute Maximum Ratings (TA = +25°C)
VCC, Supply Voltage between VS and GND5V
VIN, VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . .VCC+0.3V, VEE-0.3V
Voltage between VIN and VREF. . . . . . . . . . . . . . . . . . . . . . . . . .±2V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 30mA
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +260°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
AC Electrical Specifications
VCC = DVCC = +3.3V, REF = GND, TA = +25°C, RL = 150Ω, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
BW -3dB
3dB Bandwidth
VOUT = 200mVPP
200
MHz
VOUT = 2VPP
100
MHz
BW 0.1dB
0.1dB Bandwidth
VOUT = 2VPP
50
MHz
SR
Slew Rate
VOUT = 2VPP
500
V/µs
dG
Differential Gain
.06
%
dP
Differential Phase
0.1
°
XT
Hostile Crosstalk
6MHz
-90
dB
I
Input to Output Isolation
6MHz
-70
dB
VN
Input Noise Voltage
20
nV/
√Hz
CSW Freq
Charge Pump Switch Frequency
168
MHz
Load Reg
IEE = 0mA to 10mA
12
60
mV
VRIPPLE
Ripple Voltage
30
mV
DC Electrical Specifications
VCC = DVCC = +3.3V, REF = GND, TA = +25°C, RL = 150Ω, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
V+
Supply Range
3.0
3.6
V
VG%
Gain Error
RL = 150Ω, VIN = +2.5V to -1V
1.5
%
GM
Gain Matching
RL = 150Ω
0.5
%
RIN
Input Resistance
VIN = 0V to 1.5V
1.0
1.7
15
M
Ω
VOS
Output Offset Voltage
VREF = 0
-25
7
+25
mV
IOUT +
Output Current
RL = 10Ω, VIN = 1.2V
50
mA
IOUT -
Output Current
RL = 10Ω, VIN = -0.3V
-18
mA
ZOUT
Output Impedance
Enabled
1
Ω
Three-stated
10
M
Ω
PSRR
Power Supply Rejection Ratio
60
90
dB
IS
Supply Current
Enabled
150
mA
IS_PD
Power Down Supply Current
EN = PD = 3.3V
0.9
mA
RREF
Input Reference Resistor
4
5
6
k
Ω
ISL59830A


Número de pieza similar - ISL59830AIAZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59830AIAZ-T7 INTERSIL-ISL59830AIAZ-T7 Datasheet
390Kb / 15P
   True Single Supply Video Driver With Power Down
logo
Renesas Technology Corp
ISL59830AIAZ-T7 RENESAS-ISL59830AIAZ-T7 Datasheet
736Kb / 15P
   True Single Supply Video Driver With Power Down
More results

Descripción similar - ISL59830AIAZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59830A INTERSIL-ISL59830A Datasheet
390Kb / 15P
   True Single Supply Video Driver With Power Down
logo
Renesas Technology Corp
ISL59830A RENESAS-ISL59830A Datasheet
736Kb / 15P
   True Single Supply Video Driver With Power Down
logo
Intersil Corporation
ISL59830 INTERSIL-ISL59830 Datasheet
416Kb / 14P
   True Single Supply Video Driver
ISL59830IA INTERSIL-ISL59830IA Datasheet
335Kb / 14P
   True Single Supply Video Driver
May 4, 2006
ISL59830 INTERSIL-ISL59830_06 Datasheet
326Kb / 14P
   True Single Supply Video Driver
logo
Renesas Technology Corp
ISL59830 RENESAS-ISL59830 Datasheet
743Kb / 15P
   True Single Supply Video Driver
logo
Intersil Corporation
ISL59837IAZ INTERSIL-ISL59837IAZ Datasheet
341Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
March 5, 2007
logo
Renesas Technology Corp
ISL59837 RENESAS-ISL59837 Datasheet
696Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
logo
Intersil Corporation
ISL59837 INTERSIL-ISL59837 Datasheet
338Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
logo
Renesas Technology Corp
ISL59833 RENESAS-ISL59833 Datasheet
719Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com