Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC4793-X-TF3-T Datasheet(PDF) 3 Page - Unisonic Technologies

No. de pieza 2SC4793-X-TF3-T
Descripción Electrónicos  NPN SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4793-X-TF3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC4793-X-TF3-T Datasheet HTML 1Page - Unisonic Technologies 2SC4793-X-TF3-T Datasheet HTML 2Page - Unisonic Technologies 2SC4793-X-TF3-T Datasheet HTML 3Page - Unisonic Technologies 2SC4793-X-TF3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC4793
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R219-009,B
TYPICAL CHARACTERISTICS
0
1.4
0.2
0
Base-Emitter Voltage, VBE (V)
-25
Collector Current
vs. Base-Emitter Voltage
0.8
1.0
1.2
0.4
0.6
0.2
0.4
0.6
0.8
1.0
TC=100 ℃
25
Common Emitter
VCE=5V
5
30
10
Collector Current, IC (mA)
Transition Frequency vs. Collector Current
300
1000
50
100
10
30
100
300
1000
Common Emitter
VCE=10V
TC=25℃
0.003
30
10
Collector Current, IC (A)
DC Current Gain vs. Collector Current
500
1000
1
50
100
0.01
0.03
0.1
0.3
300
-25
25
Common Emitter
VCE=5V
Collector-Emitter Saturation Voltage vs. Collector Current
3
TC=100°C
Collector Current, IC (A)
TC=100℃
-25
25
Common Emitter
IC/IB=10
0.5
1
0.3
0.05
0.1
0.03
0.01
0.003
1
0.01
0.03
0.1
0.3
3
Collector-Emitter Voltage, VCE (V)
Safe Operating Area
10ms※
100ms※
DC Operation
TC=25℃
IC MAX. (Pulsed)※
IC MAX.
(Continuous)
VCEO
MAX .
1ms※
※Single Nonrepetitive
Pulse TC=25°C Curves Must
be Derated Linearly With
Increase in Temperature.
0.1
0.03
3
5
0.3
0.5
0.01
0.05
1
1
10
100
30
300
3
0
48
0.2
0
Collector-Emitter Voltage, VCE (V)
6
10
Collector Current vs. Collector-Emitter Voltage
0.8
1.0
2
0.4
20
0.6
8
10
4
IB=2mA
6
Common Emitter
TC=25℃


Número de pieza similar - 2SC4793-X-TF3-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
2SC4793-X-TF3-T UTC-2SC4793-X-TF3-T Datasheet
52Kb / 4P
   NPN SILICON TRANSISTOR
More results

Descripción similar - 2SC4793-X-TF3-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com