Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X1049AG-TF2-T Datasheet(PDF) 1 Page - Unisonic Technologies

No. de pieza X1049AG-TF2-T
Descripción Electrónicos  HIGH GAIN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

X1049AG-TF2-T Datasheet(HTML) 1 Page - Unisonic Technologies

  X1049AG-TF2-T Datasheet HTML 1Page - Unisonic Technologies X1049AG-TF2-T Datasheet HTML 2Page - Unisonic Technologies X1049AG-TF2-T Datasheet HTML 3Page - Unisonic Technologies X1049AG-TF2-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
X1049A
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R201-061.E
HIGH GAIN TRANSISTOR
FEATURES
* VCEV = 80V
* High Gain
* 20 Amps pulse current
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
X1049AL-TF3-T
X1049AG-TF3-T
TO-220F
B
C
E
Tube
X1049AL-TF2-T
X1049AG-TF2-T
TO-220F2
B
C
E
Tube
X1049AL-T92-B
X1049AG-T92-B
TO-92
E
B
C
Tape Box
X1049AL-T92-K
X1049AG-T92-K
TO-92
E
B
C
Bulk
MARKING
TO-220F / TO-220F2
TO-92


Número de pieza similar - X1049AG-TF2-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
X1049AG-T92-B UTC-X1049AG-T92-B Datasheet
238Kb / 4P
   HIGH GAIN TRANSISTOR
X1049AG-T92-K UTC-X1049AG-T92-K Datasheet
238Kb / 4P
   HIGH GAIN TRANSISTOR
X1049AG-T92-R UTC-X1049AG-T92-R Datasheet
238Kb / 4P
   HIGH GAIN TRANSISTOR
More results

Descripción similar - X1049AG-TF2-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
X1049A UTC-X1049A Datasheet
115Kb / 3P
   HIGH GAIN TRANSISTOR
X1049A UTC-X1049A_12 Datasheet
238Kb / 4P
   HIGH GAIN TRANSISTOR
logo
Fairchild Semiconductor
KSD1944 FAIRCHILD-KSD1944 Datasheet
43Kb / 4P
   High Gain Power Transistor
logo
Guangdong Kexin Industr...
2SB852 KEXIN-2SB852 Datasheet
104Kb / 2P
   High-gain Amplifier Transistor
logo
Rohm
2SD1383K ROHM-2SD1383K_11 Datasheet
147Kb / 3P
   High-gain Amplifier Transistor
2SD1383K ROHM-2SD1383K Datasheet
114Kb / 4P
   High-gain Amplifier Transistor
logo
Micropac Industries
66083 MICROPAC-66083 Datasheet
90Kb / 2P
   High gain, high voltage transistor
logo
Guangdong Kexin Industr...
2SD2153 KEXIN-2SD2153 Datasheet
35Kb / 1P
   High Gain Amplifier Transistor
logo
Zetex Semiconductors
ZXTN25020DG ZETEX-ZXTN25020DG Datasheet
217Kb / 6P
   20V NPN high gain transistor
ZXTN25100DG ZETEX-ZXTN25100DG Datasheet
331Kb / 8P
   100V NPN high gain transistor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com