Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS6042 Datasheet(PDF) 8 Page - Gennum Corporation

No. de pieza GS6042
Descripción Electrónicos  Automatic cable equalization
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS6042 Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS6042 Datasheet HTML 4Page - Gennum Corporation GS6042 Datasheet HTML 5Page - Gennum Corporation GS6042 Datasheet HTML 6Page - Gennum Corporation GS6042 Datasheet HTML 7Page - Gennum Corporation GS6042 Datasheet HTML 8Page - Gennum Corporation GS6042 Datasheet HTML 9Page - Gennum Corporation GS6042 Datasheet HTML 10Page - Gennum Corporation GS6042 Datasheet HTML 11Page - Gennum Corporation GS6042 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
GS6042
Final Data Sheet
Rev. 3
PDS-060055
May 2014
8 of 21
Proprietary and Confidential
www.semtech.com
2.3 AC Electrical Characteristics
Table 2-3: AC Electrical Characteristics
VCC_A = +3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input Data Rate
DRDDO
125
6250
Mb/s
1
Input Voltage Swing
ΔVSDI
Differential,
270Mb/s and 1.485Gb/s
720
800
950
mVppd
2
Differential,
2.97Gb/s and 5.94Gb/s
720
800
880
mVppd
2
Output Voltage Swing
ΔVDDO
100
Ω differential load,
OP_CTL set for high
swing
700
850
1000
mVppd
100
Ω differential load,
OP_CTL set for low swing
350
425
500
mVppd
Output Jitter at Various
Cable Lengths and Data
Rates
6.25Gb/s
Belden 1694A: 0-50m
0.35
UI
4, 5
5.94Gb/s
Belden 1694A: 0-80m
0.35
0.5
UI
4, 5
2.97Gb/s
Belden 1694A: 0-100m
——
0.2
UI
3, 4, 5
2.97Gb/s
Belden 1694A: 100-150m
——
0.3
UI
3, 4, 5
2.97Gb/s
Belden 1694A: 150-170m
——
0.4
UI
3, 4, 5
2.97Gb/s
Belden 1694A: 170-200m
——
0.5
UI
3, 4, 5
2.97Gb/s
Belden 1694A: 210m
—0.5
UI
4, 5
1.485Gb/s
Belden 1694A: 0-200m
——
0.2
UI
3, 4, 5
1.485Gb/s
Belden 1694A: 200-260m
——
0.3
UI
3, 4, 5
1.485Gb/s
Belden 1694A: 260-300m
—0.3
UI
4, 5
270Mb/s
Belden 1694A: 0-300m
0.1
0.15
UI
3, 4, 5
270Mb/s
Belden 1694A: 300-500m
0.25
UI
3, 4, 5


Número de pieza similar - GS6042

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
More results

Descripción similar - GS6042

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
148Kb / 8P
   Automatic Cable Equalizer
GS9024 GENNUM-GS9024_05 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024C GENNUM-GS9024C Datasheet
496Kb / 8P
   Automatic Cable Equalizer
logo
Carl Kammerling Interna...
T1260 CARL-T1260 Datasheet
103Kb / 1P
   Automatic Cable & Wire Stripper
27 Jun 2019 10:25AM
logo
Pericom Semiconductor C...
PI3EQX8904 PERICOM-PI3EQX8904 Datasheet
604Kb / 1P
   Linear Equalization
PI3EQX8908A PERICOM-PI3EQX8908A Datasheet
2Mb / 1P
   Linear Equalization
PI3EQX10904 PERICOM-PI3EQX10904 Datasheet
606Kb / 1P
   Linear Equalization
PI3EQX12908A PERICOM-PI3EQX12908A Datasheet
785Kb / 1P
   Linear Equalization
PI3EQX10908A PERICOM-PI3EQX10908A Datasheet
2Mb / 1P
   Linear Equalization
PI3EQX12902B PERICOM-PI3EQX12902B Datasheet
965Kb / 1P
   Linear Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com