Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS6150 Datasheet(PDF) 7 Page - Gennum Corporation

No. de pieza GS6150
Descripción Electrónicos  Automatic or Manual Rate Selection
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS6150 Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS6150 Datasheet HTML 3Page - Gennum Corporation GS6150 Datasheet HTML 4Page - Gennum Corporation GS6150 Datasheet HTML 5Page - Gennum Corporation GS6150 Datasheet HTML 6Page - Gennum Corporation GS6150 Datasheet HTML 7Page - Gennum Corporation GS6150 Datasheet HTML 8Page - Gennum Corporation GS6150 Datasheet HTML 9Page - Gennum Corporation GS6150 Datasheet HTML 10Page - Gennum Corporation GS6150 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
GS6150
Final Data Sheet
Rev.2
PDS-060127
March 2015
7 of 64
Proprietary & Confidential
www.semtech.com
14, 15
DDI_SEL0/STROBE,
DDI_SEL1
Logic Input
Input selection control.
Used to select the high-speed input for processing through the
device. Refer to Table 4-1 for details on input selection.
16
XTAL_CLK_IN
Input
Reference Crystal Pin/27MHz clock input. Connect to an external
circuit as shown in Figure 6-1: GS6150 Typical Application Circuit or
to a digital clock source (XTAL_BUF_OUT of another GS6150 or
GS6151). Connect to ground if operating referenceless.
17
XTAL_CLK_OUT
Output
Reference Crystal Pin. Connect to a external circuit as shown in Figure
6-1: GS6150 Typical Application Circuit, or leave unconnected if
XTAL_CLK_IN is driven by an external clock source or if XTAL_CLK_IN
is connected to ground (referenceless).
18
XTAL_BUF_OUT
Output
Buffered clock reference output. Leave unconnected if not used to
drive 27MHz clock input of another device.
19
SDIN
Digital Input
Serial digital data input for the Gennum Serial Peripheral Interface
(GSPI) host control/status port.
Refer to 4.11 GSPI Host Interface for more details.
20
SDOUT
Digital
Output
Serial digital data output for the Gennum Serial Peripheral Interface
(GSPI) host control/status port.
Refer to 4.11 GSPI Host Interface for more details.
21
SCLK
Digital Input
Burst-mode clock input for the Gennum Serial Peripheral Interface
(GSPI) host control/status port.
Refer to 4.11 GSPI Host Interface for more details.
22
CS
Digital Input
Chip select input for the Gennum Serial Peripheral Interface (GSPI)
host control/status port.
Active-low input.
Refer to 4.11 GSPI Host Interface for more details.
23
VDD_DIG
Power
Most positive power supply for the internal logic
Connect to 1.8V.
24
VSS_DIG
Power
Most negative power supply for the internal logic
Connect to ground.
Table 1-1: GS6150 Pin Descriptions (Continued)
Pin Number
Name
Type
Description


Número de pieza similar - GS6150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INE3 SEMTECH-GS6150-INE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3 SEMTECH-GS6150-INTE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3Z SEMTECH-GS6150-INTE3Z Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
More results

Descripción similar - GS6150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CLC016 NSC-CLC016 Datasheet
422Kb / 20P
   Data Retiming PLL with Automatic Rate Selection
CLC016 NSC-CLC016_02 Datasheet
445Kb / 19P
   Data Retiming PLL with Automatic Rate Selection
logo
C&K Components
KSA CK-COMPONENTS-KSA Datasheet
359Kb / 5P
   Designed for automatic or manual insertion
logo
List of Unclassifed Man...
PM318 ETC-PM318 Datasheet
757Kb / 7P
   AUTO OR MANUAL INPUT SELECTION 3 INPUTS & 88 OUTPUTS
logo
Maxim Integrated Produc...
MAX17015EVKIT MAXIM-MAX17015EVKIT Datasheet
1Mb / 8P
   Automatic System Power-Source Selection
Rev 0; 10/09
logo
PHOENIX CONTACT
PSI-REP-DNET-CAN PHOENIX-PSI-REP-DNET-CAN Datasheet
326Kb / 7P
   Automatic data rate detection or fixed data rate setting via DIP switches
logo
Integrated Circuit Syst...
8T49N241 ICST-8T49N241 Datasheet
1Mb / 64P
   Manual clock selection control input
logo
Power-One
MAP130 POWER-ONE-MAP130_06 Datasheet
146Kb / 4P
   Automatic 115/230 Input Voltage Selection
logo
Sanyo Semicon Device
LA7214 SANYO-LA7214 Datasheet
40Kb / 2P
   VCR-Use Automatic Channel Selection Peripheral
LA7213 SANYO-LA7213 Datasheet
51Kb / 2P
   VCR-Use Automatic Channel Selection Peripheral
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com