Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS9075B Datasheet(PDF) 7 Page - Gennum Corporation

No. de pieza GS9075B
Descripción Electrónicos  Lock Detect Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9075B Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS9075B Datasheet HTML 3Page - Gennum Corporation GS9075B Datasheet HTML 4Page - Gennum Corporation GS9075B Datasheet HTML 5Page - Gennum Corporation GS9075B Datasheet HTML 6Page - Gennum Corporation GS9075B Datasheet HTML 7Page - Gennum Corporation GS9075B Datasheet HTML 8Page - Gennum Corporation GS9075B Datasheet HTML 9Page - Gennum Corporation GS9075B Datasheet HTML 10Page - Gennum Corporation GS9075B Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
GS1575B / GS9075B HD-LINX® II Multi-Rate SDI
Automatic Reclocker
Data Sheet
40063 - 1
June 2009
7 of 28
1.3 Pin Descriptions
Table 1-1: Pin Descriptions
Pin Number
Name
Type
Description
1, 3
DDI0, DDI0
Input
Serial digital differential input 0.
2
DDI0_VTT
Passive
Center tap of two 50Ω on-chip termination resistors between DDI0 and
DDI0.
4, 8, 12,16, 32,
37, 43, 49, 64
GND
Passive
Recommended connect to GND.
5, 7
DDI1,DDI1
Input
Serial digital differential input 1.
6
DDI1_VTT
Passive
Center tap of two 50Ω on-chip termination resistors between DDI1 and
DDI1.
9, 11
DDI2, DDI2
Input
Serial digital differential input 2.
10
DDI2_VTT
Passive
Center tap of two 50Ω on-chip termination resistors between DDI2 and
DDI2.
13, 15
DDI3, DDI3
Input
Serial digital differential input 3.
14
DDI3_VTT
Passive
Center tap of two 50Ω on-chip termination resistors between DDI3 and
DDI3.
17, 18
DDI_SEL[1:0]
Logic Input
Serial digital input select.
19
BYPASS
Logic Input
Bypass the reclocker stage.
When BYPASS is HIGH, it overwrites the AUTOBYPASS setting.
20
AUTOBYPASS
Logic Input
Automatically bypasses the reclocker stage when the PLL is not locked
This pin is ignored when BYPASS is HIGH.
21
AUTO/MAN
Logic Input
Auto/Manual select.
When set HIGH, the standard is automatically detected from the input data
rate. When set LOW, the user must program the input standard using the
SS[2:0] pins.
22
VCC_VCO
Power
Most positive power supply connection for the internal VCO section.
Connect to 3.3V.
23
VEE_VCO
Power
Most negative power supply connection for the internal VCO section.
Connect to GND.
DDI_SEL1
DDI_SEL0
INPUT SELECTED
00
DDI0
01
DDI1
10
DDI2
11
DDI3


Número de pieza similar - GS9075B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
More results

Descripción similar - GS9075B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4355 AD-ADF4355 Datasheet
937Kb / 36P
   Analog and digital lock detect
logo
Rohm
BDEXXX0G ROHM-BDEXXX0G Datasheet
265Kb / 9P
   Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
logo
Micro Linear Corporatio...
ML4961 MICRO-LINEAR-ML4961 Datasheet
206Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Detect
logo
Copal Electronics
CL-DB COPAL-CL-DB Datasheet
571Kb / 4P
   DETECT SWITCHES
SPB101 COPAL-SPB101 Datasheet
183Kb / 1P
   Detect Switches
CF-DA COPAL-CF-DA Datasheet
235Kb / 2P
   Detect Switches
CL-DA COPAL-CL-DA Datasheet
955Kb / 4P
   DETECT SWITCHES
logo
C&K Components
DSDETECT CK-COMPONENTS-DSDETECT Datasheet
396Kb / 4P
   Detect Switch
10 Mar 22
logo
Copal Electronics
CF-DA-SERIES COPAL-CF-DA-SERIES Datasheet
235Kb / 2P
   Detect Switches
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com