Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL22326WFR16Z Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL22326WFR16Z
Descripción Electrónicos  Low Noise, Low Power, I2C™ Bus, 128 Taps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22326WFR16Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL22326WFR16Z Datasheet HTML 1Page - Intersil Corporation ISL22326WFR16Z Datasheet HTML 2Page - Intersil Corporation ISL22326WFR16Z Datasheet HTML 3Page - Intersil Corporation ISL22326WFR16Z Datasheet HTML 4Page - Intersil Corporation ISL22326WFR16Z Datasheet HTML 5Page - Intersil Corporation ISL22326WFR16Z Datasheet HTML 6Page - Intersil Corporation ISL22326WFR16Z Datasheet HTML 7Page - Intersil Corporation ISL22326WFR16Z Datasheet HTML 8Page - Intersil Corporation ISL22326WFR16Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN6176.3
September 9, 2015
RESISTOR MODE (Measurements between RWi and RLi with RHi not connected, or between RWi and RHi with RLi not connected. i = 0 or 1)
RINL
(Note 15)
Integral Non-linearity
DCP register set between 10h and 7Fh;
monotonic over all tap positions
-1
1
MI
(Note 12)
RDNL
(Note 14)
Differential Non-linearity
DCP register set between 10h and 7Fh;
monotonic over all tap positions, W option
-1
1
MI
(Note 12)
DCP register set between 10h and 7Fh;
monotonic over all tap positions, U option
-0.5
0.5
MI
(Note 12)
Roffset
(Note 13)
Offset
W option
0
1
5
MI
(Note 12)
U option
0
0.5
2
MI
(Note 12)
RMATCH
(Note 16)
DCP to DCP Matching
Any two DCPs at the same tap position with
the same terminal voltages
-2
2
MI
(Note 12)
Analog Specifications
Over recommended operating conditions, unless otherwise stated. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 4)
MAX
(Note 20)
UNIT
Operating Specifications Over the recommended operating conditions, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 4)
MAX
(Note 20)
UNIT
ICC1
VCC Supply Current (Volatile
Write/Read)
fSCL = 400kHz; SDA = Open; (for I2C, active,
read and write states)
0.5
mA
ICC2
VCC Supply Current (Non-volatile
Write/Read)
fSCL = 400kHz; SDA = Open; (for I2C, active,
read and write states)
3mA
ISB
VCC Current (Standby)
VCC = +5.5V @ +85°C, I2C interface in
standby state
5µA
VCC = +5.5V @ +125°C, I2C interface in
standby state
7µA
VCC = +3.6V @ +85°C, I2C interface in
standby state
3µA
VCC = +3.6V @ +125°C, I2C interface in
standby state
5µA
ISD
VCC Current (Shutdown)
VCC = +5.5V @ +85°C, I2C interface in
standby state
3µA
VCC = +5.5V @ +125°C, I2C interface in
standby state
5µA
VCC = +3.6V @ +85°C, I2C interface in
standby state
2µA
VCC = +3.6V @ +125°C, I2C interface in
standby state
4µA
ILkgDig
Leakage Current, at Pins A0, A1, A2,
SHDN, SDA and SCL
Voltage at pin from GND to VCC
-1
1
µA
tWRT
(Note 19)
DCP Wiper Response Time
SCL falling edge of last bit of DCP data byte
to wiper new position
1.5
µs
tShdnRec
(Note 19)
DCP Recall Time from Shutdown
Mode
From rising edge of SHDN signal to wiper
stored position and RH connection
1.5
µs
SCL falling edge of last bit of ACR data byte
to wiper stored position and RH connection
1.5
µs
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall
occurs
2.0
2.6
V
VccRamp
VCC Ramp Rate
0.2
V/ms
ISL22326


Número de pieza similar - ISL22326WFR16Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL22326WFR16Z RENESAS-ISL22326WFR16Z Datasheet
972Kb / 17P
   Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results

Descripción similar - ISL22326WFR16Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
   Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
logo
Renesas Technology Corp
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22326WM RENESAS-ISL22326WM Datasheet
205Kb / 3P
   Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps
November 11, 2011
ISL22346WM RENESAS-ISL22346WM Datasheet
206Kb / 3P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com