Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL23328TFVZ-TK Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL23328TFVZ-TK
Descripción Electrónicos  Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23328TFVZ-TK Datasheet(HTML) 3 Page - Intersil Corporation

  ISL23328TFVZ-TK Datasheet HTML 1Page - Intersil Corporation ISL23328TFVZ-TK Datasheet HTML 2Page - Intersil Corporation ISL23328TFVZ-TK Datasheet HTML 3Page - Intersil Corporation ISL23328TFVZ-TK Datasheet HTML 4Page - Intersil Corporation ISL23328TFVZ-TK Datasheet HTML 5Page - Intersil Corporation ISL23328TFVZ-TK Datasheet HTML 6Page - Intersil Corporation ISL23328TFVZ-TK Datasheet HTML 7Page - Intersil Corporation ISL23328TFVZ-TK Datasheet HTML 8Page - Intersil Corporation ISL23328TFVZ-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL23328
3
FN7902.1
September 29, 2015
Ordering Information
PART NUMBER
(Note 4)
PART MARKING
RESISTANCE OPTION
(kΩ)
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL23328TFVZ (Note 2)
23328 TFVZ
100
-40 to +125
14 Ld TSSOP
M14.173
ISL23328TFVZ-T7A (Notes 1, 2)
23328 TFVZ
100
-40 to +125
14 Ld TSSOP
M14.173
ISL23328TFVZ-TK (Notes 1, 2)
23328 TFVZ
100
-40 to +125
14 Ld TSSOP
M14.173
ISL23328UFVZ (Note 2)
(No longer available, recommended
replacement: ISL23328TFRUZ-TK)
23328 UFVZ
50
-40 to +125
14 Ld TSSOP
M14.173
ISL23328UFVZ-T7A (Notes 1, 2)
(No longer available, recommended
replacement: ISL23328TFRUZ-TK)
23328 UFVZ
50
-40 to +125
14 Ld TSSOP
M14.173
ISL23328UFVZ-TK (Notes 1, 2)
23328 UFVZ
50
-40 to +125
14 Ld TSSOP
M14.173
ISL23328WFVZ (Note 2)
23328 WFVZ
10
-40 to +125
14 Ld TSSOP
M14.173
ISL23328WFVZ-T7A (Notes 1, 2)
23328 WFVZ
10
-40 to +125
14 Ld TSSOP
M14.173
ISL23328WFVZ-TK (Notes 1, 2)
23328 WFVZ
10
-40 to +125
14 Ld TSSOP
M14.173
ISL23328TFRUZ-T7A (Notes 1, 3)
GBM
100
-40 to +125
16 Ld 2.6x1.8 UTQFN
L16.2.6x1.8A
ISL23328TFRUZ-TK (Notes 1, 3)
GBM
100
-40 to +125
16 Ld 2.6x1.8 UTQFN
L16.2.6x1.8A
ISL23328UFRUZ-T7A (Notes 1, 3)
(No longer available, recommended
replacement: ISL23328TFRUZ-TK)
GBL
50
-40 to +125
16 Ld 2.6x1.8 UTQFN
L16.2.6x1.8A
ISL23328UFRUZ-TK (Notes 1, 3)
(No longer available, recommended
replacement: ISL23328TFRUZ-TK)
GBL
50
-40 to +125
16 Ld 2.6x1.8 UTQFN
L16.2.6x1.8A
ISL23328WFRUZ-T7A (Notes 1, 3)
GBK
10
-40 to +125
16 Ld 2.6x1.8 UTQFN
L16.2.6x1.8A
ISL23328WFRUZ-TK (Notes 1, 3)
GBK
10
-40 to +125
16 Ld 2.6x1.8 UTQFN
L16.2.6x1.8A
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate - e4
termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL23328. For more information on MSL please see techbrief TB363.


Número de pieza similar - ISL23328TFVZ-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL23328TFVZ-TK INTERSIL-ISL23328TFVZ-TK Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23328TFVZ-TK RENESAS-ISL23328TFVZ-TK Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Descripción similar - ISL23328TFVZ-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23328 INTERSIL-ISL23328 Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com