Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA21231 Datasheet(PDF) 6 Page - Infineon Technologies AG

No. de pieza TDA21231
Descripción Electrónicos  DrMOS Product Family
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21231 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TDA21231 Datasheet HTML 2Page - Infineon Technologies AG TDA21231 Datasheet HTML 3Page - Infineon Technologies AG TDA21231 Datasheet HTML 4Page - Infineon Technologies AG TDA21231 Datasheet HTML 5Page - Infineon Technologies AG TDA21231 Datasheet HTML 6Page - Infineon Technologies AG TDA21231 Datasheet HTML 7Page - Infineon Technologies AG TDA21231 Datasheet HTML 8Page - Infineon Technologies AG TDA21231 Datasheet HTML 9Page - Infineon Technologies AG TDA21231 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TDA21231
Data Sheet
5
4
Electrical Specification
4.1
Absolute Maximum Ratings
Note: T
A = 25°C
Stresses above those listed in Table 6
“Absolute Maximum Ratings” may cause permanent damage to the
device. These are absolute stress ratings only and operation of the device is not implied or recommended at
these or any other conditions in excess of those given in the operational sections of this specification. Exposure
over values of the recommended ratings (Table 8) for extended periods may adversely affect the operation and
reliability of the device.
Table 6
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Maximum average load current
I
OUT
55
A
Input Voltage
V
IN (DC)
-0.30
21
V
Logic supply voltage
V
VCC (DC)
-0.30
8
High- and low-side driver voltage V
PVCC (DC)
-0.30
8
Switch node voltage
V
SW (DC)
-1
25
V
SW (AC)
-8
1
PHASE node voltage
V
PHASE (DC)
-1
25
V
PHASE (AC)
-8
1
MOSFET voltage spike
VIN-VPHASE (AC)
32
2
2 ns above 25 V
V
PHASE-VPGND (AC)
32
2
BOOT voltage
V
BOOT (DC)
-0.3
25
V
BOOT (AC)
30
1
V
BOOT-PHASE (DC)
-0.3
8
EN voltage
V
EN
-0.3
4
Maximum value valid for
operation up to 1h
accumulated over lifetime
in temperature range of
-
25˚C ≤ Tj ≤ 125˚C.
Else the maximum value
is 3.6V
PWM voltage
V
PWM
-0.3
4
PHFLT#
VPHFLT#
-0.3
4
Junction temperature
T
Jmax
-40
150
C
Storage temperature
T
STG
-55
150
Note: All rated voltages are relative to voltages on the AGND and PGND pins unless otherwise specified.
1 AC is limited to 10 ns
2 AC is limited to 2 ns


Número de pieza similar - TDA21231

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA21201 INFINEON-TDA21201 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
TDA21201-B7 INFINEON-TDA21201-B7 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
TDA21201-P7 INFINEON-TDA21201-P7 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
TDA21201-S7 INFINEON-TDA21201-S7 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
TDA21211 INFINEON-TDA21211 Datasheet
481Kb / 20P
   High-Performance DrMOS
August - 2009
More results

Descripción similar - TDA21231

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Broadcom Corporation.
INTENSI-FI BOARDCOM-INTENSI-FI Datasheet
157Kb / 2P
   DRAFT-802.11n PRODUCT FAMILY
logo
NXP Semiconductors
HCS12DBFAMILYPP NXP-HCS12DBFAMILYPP Datasheet
797Kb / 12P
   HCS12DB Family Product Proposal
Rev. 0.7, 8/2003
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
logo
List of Unclassifed Man...
SH8M08GBATCEBAA01 ETC2-SH8M08GBATCEBAA01 Datasheet
1,008Kb / 2P
   e?줞MCTM Product Family
logo
Motorola, Inc
MC9S12DB MOTOROLA-MC9S12DB Datasheet
758Kb / 12P
   HCS12DB Family Product Proposal
logo
List of Unclassifed Man...
AT25DF256 ETC2-AT25DF256 Datasheet
437Kb / 7P
   Bios Flash Product Family
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
List of Unclassifed Man...
CXD9450 ETC-CXD9450 Datasheet
114Kb / 16P
   Single-Chip FaxEngine Product Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com